Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC33797 Fiches technique(PDF) 12 Page - Freescale Semiconductor, Inc

No de pièce MC33797
Description  Four Channel Squib Driver IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33797 Fiches technique(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MC33797 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33797
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.75 V VDD 5.25 V; 7.0 V VVFIRE_XX 35 V; VVDIAG_X = VVFIRE_XX; FEN 1 = FEN 2
= VDD; RR_LIMIT_X =10kΩ ±1%, RR_DIAG = 10 kΩ ±1%, -40°C TA +85°C, GND = 0 unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SERIAL INTERFACE
CLK Cycle Time (1/FCLK) (19)
tCYC
200
ns
CLK High Time (19)
VCLK > VDD x 70%
tHI
34
ns
CLK Low Time (19)
VCLK < VDD x 20%
tLO
34
ns
Clock Rise Time (19)
VCLK = 20% VDD to 70% VDD, CLOAD = 100 pF
tRISE
20
ns
Clock Fall Time (19)
VCLK = 70% VDD to 20% VDD, CLOAD = 100 pF
tFALL
20
ns
Data Out Rise Time (20)
VDO = 20% VDD to 70% VDD, CLOAD = 100 pF
tR
20
ns
Data Out Fall Time (20)
VDO = 70% VDD to 20% VDD, CLOAD = 100 pF
tF
20
ns
Chip Select Setup Time (20)
CSB
Before CLK
tLEAD
62
ns
Chip Select Hold Time (20)
CLK
Before CSB
tLAG
62
ns
Data In Setup Time (20)
D1 Valid Before CLK
tSU
30
ns
Data In Hold Time (20)
D1 Hold Time After CLK
tH
30
ns
Data Out Access Time (20)
CSB
to D0 Valid
tA
62
ns
Data Out Disable Time (20)
CSB
↑ to D0 HI-Z
tDIS
62
ns
Data Out Valid Time (20)
CLK
↑ to D0 Valid, CLOAD = 100 pF
tV
75
ns
Data Out Hold Time (20)
D0 held After CLK
tHO
0.0
ns
Diagnostic Delay Time (Between Two Successive Commands)
tDIAG
2.5
µs
Notes
19.
Determined by Design
20.
Guaranteed by Characterization


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NTE1749 Integrated Circuit Push-Pull Four Channel Driver 1  2  3  NTE Electronics
LM18293 Four Channel Push-Pull Driver 1  2  3  4  5  More National Semiconductor (TI)
LMH6533 Four - Channel Laser Diode Driver with Dual Output LVDS Interface and HFM Oscillator 1  2  3  4  5  More National Semiconductor (TI)
SP7683 Four Channel Charge Pump Regulator LED Driver 1  2  3  4  5  More Sipex Corporation
ATR0809 FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS 1  2  3  4  5  More ATMEL Corporation
L293C PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL 1  2  3  4  5  STMicroelectronics
L293D PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES 1  2  3  4  5  More STMicroelectronics
SP7615 Four Channel Constant Current LED Driver 1  2  3  4  5  More Sipex Corporation
L293DD013TR PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES 1  2  3  4  5  More STMicroelectronics
NJW4301 2 CHANNEL BRIDGE DRIVER IC 1  2  3  4  5  More New Japan Radio

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn