Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC33797 Fiches technique(PDF) 31 Page - Freescale Semiconductor, Inc

No de pièce MC33797
Description  Four Channel Squib Driver IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33797 Fiches technique(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MC33797 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 32Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
33797
PACKAGING
PACKAGE DIMENSIONS
PACKAGING
PACKAGE DIMENSIONS
Important For the most current revision of the package, visit www.freescale.com and do a keyword search on the 98A drawing
number below.
NOTES:
1.
ALL DIMENSIONS ARE IN MILLIMETERS.
2.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
3.
DATUMS B AND C TO BE DETERMINED AT THE
PLANE WHERE THE BOTTOM OF THE LEADS EXIT
THE PLASTIC BODY.
4.
THIS DIMENSION DOES NOT INCLUDE MOLD
FLASH, PROTRUSION OR GATE BURRS. MOLD
FLASH, PROTRUSION OR GATE BURRS SHALL
NOT EXCEED 0.15 MM PER SIDE. THIS
DIMENSION IS DETERMINED AT THE PLANE
WHERE THE BOTTOM OF THE LEADS EXIT THE
PLASTIC BODY.
5.
THIS DIMENSION DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH AND PROTRUSIONS SHALL
NOT EXCEED 0.25 MM PER SIDE. THIS
DIMENSION IS DETERMINED AT THE PLANE
WHERE THE BOTTOM OF THE LEADS EXIT THE
PLASTIC BODY.
6.
THIS DIMENSION DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED 0.4 MM PER SIDE. DAMBAR
CANNOT BE LOCATED ON THE LOWER RADIUS
OR THE FOOT. MINIMUM SPACE BETWEEN
PROTRUSION AND ADJACENT LEAD SHALL NOT
LESS THAN 0.07 MM.
7.
EXACT SHAPE OF EACH CORNER IS OPTIONAL.
8.
THESE DIMENSIONS APPLY TO THE FLAT
SECTION OF THE LEAD BETWEEN 0.10 MM AND
0.3 MM FROM THE LEAD TIP.
9.
THE PACKAGE TOP MAY BE SMALLER THAN THE
PACKAGE BOTTOM. THIS DIMENSION IS
DETERMINED AT THE OUTERMOST EXTREMES
OF THE PLASTIC BODY EXCLUSIVE OF MOLD
FLASH, TIE BAR BURRS, GATE BURRS AND
INTER-LEAD FLASH, BUT INCLUDING ANY
MISMATCH BETWEEN THE TOP AND BOTTOM OF
THE PLASTIC BODY.
CL
10.9
7.4
1
16
17
32
0.10
A
2.35
SEATING
PLANE
0.9
SECTION B-B
0.65
R0.08 MIN
B
A
PIN 1 ID
(0.29)
0.38
0.25
(0.203)
PLATING
BASE METAL
SECTION A-A
ROTATED 90 CLOCKWISE
°
8
0.19
0.22
9
5
0.13 M CA M
B
6
A
C
7.6
11.1
9
4
10.3
5.15
A
32X
30X
2.65
0.3 A
2X 16 TIPS
B C
B
0.29
0.13
0.5
0
°
8
°
0
°
0.25
GAUGE PLANE
MIN
EK SUFFIX
(32-LEAD SOIC)
PLASTIC PACKAGE
98ARH99137A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NTE1749 Integrated Circuit Push-Pull Four Channel Driver 1  2  3  NTE Electronics
LM18293 Four Channel Push-Pull Driver 1  2  3  4  5  More National Semiconductor (TI)
LMH6533 Four - Channel Laser Diode Driver with Dual Output LVDS Interface and HFM Oscillator 1  2  3  4  5  More National Semiconductor (TI)
SP7683 Four Channel Charge Pump Regulator LED Driver 1  2  3  4  5  More Sipex Corporation
ATR0809 FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS 1  2  3  4  5  More ATMEL Corporation
L293C PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL 1  2  3  4  5  STMicroelectronics
L293D PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES 1  2  3  4  5  More STMicroelectronics
SP7615 Four Channel Constant Current LED Driver 1  2  3  4  5  More Sipex Corporation
L293DD013TR PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES 1  2  3  4  5  More STMicroelectronics
NJW4301 2 CHANNEL BRIDGE DRIVER IC 1  2  3  4  5  More New Japan Radio

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn