Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC33797 Fiches technique(PDF) 30 Page - Freescale Semiconductor, Inc

No de pièce MC33797
Description  Four Channel Squib Driver IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33797 Fiches technique(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MC33797 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 32Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33797
FUNCTIONAL DESCRIPTION
PROTECTION AND DIAGNOSIS FEATURES
The diagnostic squib driver bit (HSDSTAT_X or
LSDSTAT_X) will be set to “1” if the squib driver did not
activate (turn “ON”) during the diagnostic test. The diagnostic
squib driver bit (HSDSTAT_X or LSDSTAT_X) will be set to
“0” if the squib driver did activate (turn “ON”) during the
diagnostic test. Diagnostic data will be shifted from the shift
register during the next read/write operation.
The diagnostic squib driver register will be set/cleared to
“0” when the unlock command is loaded ($82 or $83 loaded
with rising edge of CS).
A diagnostic bit set to “0” indicates standard squib driver
transistor operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NTE1749 Integrated Circuit Push-Pull Four Channel Driver 1  2  3  NTE Electronics
LM18293 Four Channel Push-Pull Driver 1  2  3  4  5  More National Semiconductor (TI)
LMH6533 Four - Channel Laser Diode Driver with Dual Output LVDS Interface and HFM Oscillator 1  2  3  4  5  More National Semiconductor (TI)
SP7683 Four Channel Charge Pump Regulator LED Driver 1  2  3  4  5  More Sipex Corporation
ATR0809 FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS 1  2  3  4  5  More ATMEL Corporation
L293C PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL 1  2  3  4  5  STMicroelectronics
L293D PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES 1  2  3  4  5  More STMicroelectronics
SP7615 Four Channel Constant Current LED Driver 1  2  3  4  5  More Sipex Corporation
L293DD013TR PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES 1  2  3  4  5  More STMicroelectronics
NJW4301 2 CHANNEL BRIDGE DRIVER IC 1  2  3  4  5  More New Japan Radio

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn