Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC33797 Fiches technique(PDF) 23 Page - Freescale Semiconductor, Inc

No de pièce MC33797
Description  Four Channel Squib Driver IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33797 Fiches technique(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MC33797 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33797
FUNCTIONAL DESCRIPTION
FUNCTIONAL DEVICE OPERATION
Table 8. Command Programming and Diagnostic Bit Definitions
Hex
Code
Command
Description
Command Programming Input and Diagnostic Data Out (Available on Next Command) (22)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
3X
Current
Measurement
Register Reset
Command for
Squib X
Current 1=ON
0
0
1
1
SQB_2B
Data/Timer
Reset
SQB_2A
Data/Timer
Reset
SQB_1B
Data/Timer
Reset
SQB_1A
Data/Timer
Reset
DATA OUT
Squib X Current
Register Reset
Status
0
0
1
1
SQB_2B
Data/Timer
Reset
SQB_2A
Data/Timer
Reset
SQB_1B
Data/Timer
Reset
SQB_1A
Data/Timer
Reset
80
Unlock for FEN 1
Counter Registers
Programming.
1
0
0
0
0
000
Response DATA
Output: Command
Echoed
1
0
0
0
0
0
0
0
XX
Programming
Command for
FEN 1 Counter
1=ON
FEN1 CNT
BIT 7
MSB
FEN1 CNT
BIT 6
FEN1 CNT
BIT 5
FEN1 CNT
BIT 4
FEN1 CNT
BIT 3
FEN1 CNT
BIT 2
FEN1 CNT
BIT 1
FEN1 CNT
BIT 0
LSB
Response DATA
OUT
FEN 1 Counter
Programming
Status
FEN1 CNT
BIT 7
MSB
FEN1 CNT
BIT 6
FEN1 CNT
BIT 5
FEN1 CNT
BIT 4
FEN1 CNT
BIT 3
FEN1 CNT
BIT 2
FEN1 CNT
BIT 1
FEN1 CNT
BIT 0
LSB
81
Unlock for FEN 2
Counter Registers
Programming
1
0
0
0
0
0
0
1
Response DATA
Output: Command
Echoed
1
0
0
0
0
0
0
1
Notes
22.
The second byte for command programming will be treated as a NOP if any FET is firing. The programming commands have to be
sequential or they will be treated as a NOP.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NTE1749 Integrated Circuit Push-Pull Four Channel Driver 1  2  3  NTE Electronics
LM18293 Four Channel Push-Pull Driver 1  2  3  4  5  More National Semiconductor (TI)
LMH6533 Four - Channel Laser Diode Driver with Dual Output LVDS Interface and HFM Oscillator 1  2  3  4  5  More National Semiconductor (TI)
SP7683 Four Channel Charge Pump Regulator LED Driver 1  2  3  4  5  More Sipex Corporation
ATR0809 FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS 1  2  3  4  5  More ATMEL Corporation
L293C PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL 1  2  3  4  5  STMicroelectronics
L293D PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES 1  2  3  4  5  More STMicroelectronics
SP7615 Four Channel Constant Current LED Driver 1  2  3  4  5  More Sipex Corporation
L293DD013TR PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES 1  2  3  4  5  More STMicroelectronics
NJW4301 2 CHANNEL BRIDGE DRIVER IC 1  2  3  4  5  More New Japan Radio

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn