Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM2964C40 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce SM2964C40
Description  8-Bit Micro-controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SM2964C40 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  SM2964C40 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 8Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 1998
Specifications subject to change without notice,contact your sales representatives for the most recent information.
1/15
Ver1.0
PID 2964 08/00
SyncMOS Technologies Inc.
SM2964
Product List
SM2964C16, 16 MHz 64KB internal flash MCU
SM2964C25, 25 MHz 64KB internal flash MCU
SM2964C40, 40 MHz 64KB internal flash MCU
Description
The SM2964 series product is an 8 - bit single
chip micro controller with 64KB flash embedded.It
provides hardware features and a powerful instruction
set, necessary to make it a versatile and cost effective
controller for those applications demand up to 32 I/O
pins or need up to 64 K byte memory either for program
or for data or mixed.
To program the flash block, a commercial programmer
is capable to do it.
Ordering Information
yyww
SM2964ihhk
yy: year, ww:week
v: version identifier { , A, B, ...}
i: process identifier {C}
hh: working clock in MHz {16, 25, 40}
k: package type postfix {as below table}
Features
Working voltage:4.5V through 5.5V
General 8051 family compatible
12 clocks per machine cycle
64K byte internal flash memory
256 byte data RAM
Three 16 bit Timers/Counters
Four 8-bit I/O ports
Full duplex serial channel
Bit operation instructions
Page free jumps
8-bit Unsigned Division
8-bit Unsigned Multiply
BCD arithmetic
Direct Addressing
Indirect Addressing
Nested Interrupt
Two priority level interrupt
A serial I/O port
Power save modes:
Idle mode and Power down mode
Code protection function
with 64KB flash embedded
Postfix
Package
Pin/Pad
Configuration Dimension
Logo Size at
Top Marking
P
40L PDIP
page 2
page 11
5.0 x 4.2 mm
J
44L PLCC
page 2
page 12
4.5 x 3.8 mm
Q
44L PQFP
page 2
-
2.8 x 2.4 mm
U
44L LQFP
page 2
-
2.8 x 2.4 mm
8 - Bit Micro-controller
Taiwan
4F, No.1 Creation Road 1,
Science-Based Industrial Park,
Hsinchu, Taiwan 30077
TEL: 886-3-578-3344
FAX: 886-3-579-2960
886-3-578-0493


Numéro de pièce similaire - SM2964C40

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SM2965 ETC-SM2965 Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
SM2965IHH ETC-SM2965IHH Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
SM2965IHHK ETC-SM2965IHHK Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
More results

Description similaire - SM2964C40

FabricantNo de pièceFiches techniqueDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com