Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LC1D32BL Datasheet(Fiches technique) 1 Page - Schneider Electric

Numéro de pièce LC1D32BL
Description  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 24 V DC coil
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D32BL Datasheet(HTML) 1 Page - Schneider Electric

  LC1D32BL Datasheet HTML 1Page - Schneider Electric LC1D32BL Datenblatt HTML 2Page - Schneider Electric LC1D32BL Datenblatt HTML 3Page - Schneider Electric LC1D32BL Datenblatt HTML 4Page - Schneider Electric LC1D32BL Datenblatt HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product data sheet
Characteristics
LC1D32BL
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V
32 A - 24 V DC coil
Product availability : Stock - Normally stocked in distribution facility
Price* : 215.00 USD
Main
Range
TeSys
Product name
TeSys D
Product or component type
Contactor
Device short name
LC1D
Contactor application
Motor control
Resistive load
Utilisation category
AC-3
AC-1
AC-4
Poles description
3P
Power pole contact composition
3 NO
[Ue] rated operational voltage
Power circuit: <= 690 V AC 25...400 Hz
Power circuit <= 300 V DC
[Ie] rated operational current
32 A 140 °F (60 °C)) <= 440 V AC AC-3 power circuit
50 A (at <60 °C) at <= 440 V AC AC-1 for power circuit
Motor power kW
7.5 kW 220...230 V AC 50/60 Hz AC-3)
15 kW 380...400 V AC 50/60 Hz AC-3)
15 kW 415...440 V AC 50/60 Hz AC-3)
18.5 kW at 500 V AC 50/60 Hz (AC-3)
18.5 kW at 660...690 V AC 50/60 Hz (AC-3)
7.5 kW at 400 V AC 50/60 Hz (AC-4)
Motor power HP (UL / CSA)
2 hp 115 V AC 50/60 Hz 1 phase
5 hp 230/240 V AC 50/60 Hz 1 phase
7.5 hp 200/208 V AC 50/60 Hz 3 phase
10 hp at 230/240 V AC 50/60 Hz for 3 phases motors
20 hp 460/480 V AC 50/60 Hz 3 phase
30 hp 575/600 V AC 50/60 Hz 3 phase
Control circuit type
DC low consumption
[Uc] control circuit voltage
24 V DC
Auxiliary contact composition
1 NO + 1 NC
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 4, 2021
1


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn