Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LC1D32BL Datasheet(Fiches technique) 4 Page - Schneider Electric

Numéro de pièce LC1D32BL
Description  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 24 V DC coil
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D32BL Datasheet(HTML) 4 Page - Schneider Electric

  LC1D32BL Datenblatt HTML 1Page - Schneider Electric LC1D32BL Datenblatt HTML 2Page - Schneider Electric LC1D32BL Datenblatt HTML 3Page - Schneider Electric LC1D32BL Datasheet HTML 4Page - Schneider Electric LC1D32BL Datenblatt HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.97 in (5 cm)
Package 1 width
3.62 in (9.2 cm)
Package 1 Length
4.41 in (11.2 cm)
Unit Type of Package 2
S02
Number of Units in Package 2
15
Package 2 Weight
20.23 lb(US) (9.174 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Unit Type of Package 3
P06
Number of Units in Package 3
240
Package 3 Weight
370.77 lb(US) (168.18 kg)
Package 3 Height
30.31 in (77 cm)
Package 3 width
31.50 in (80 cm)
Package 3 Length
23.62 in (60 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Antimony oxide & Antimony
trioxide, which is known to the State of California to cause cancer. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Pro-active China RoHS declaration (out of China RoHS legal scope)
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
PVC free
Yes
Contractual warranty
Warranty
18 months
4


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn