Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LC1D32BL Datasheet(Fiches technique) 3 Page - Schneider Electric

Numéro de pièce LC1D32BL
Description  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 24 V DC coil
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D32BL Datasheet(HTML) 3 Page - Schneider Electric

  LC1D32BL Datenblatt HTML 1Page - Schneider Electric LC1D32BL Datenblatt HTML 2Page - Schneider Electric LC1D32BL Datasheet HTML 3Page - Schneider Electric LC1D32BL Datenblatt HTML 4Page - Schneider Electric LC1D32BL Datenblatt HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Mechanical durability
30 Mcycles
Maximum operating rate
3600 cyc/h 60 °C
Complementary
Coil technology
Built-in bidirectional peak limiting diode suppressor
Control circuit voltage limits
0.1...0.3 Uc -40…158 °F (-40…70 °C) drop-out DC
0.8...1.25 Uc -40…140 °F (-40…60 °C) operational DC
1...1.25 Uc 140…158 °F (60…70 °C) operational DC
Time constant
40 ms
Inrush power in W
2.4 W 68 °F (20 °C))
Hold-in power consumption in W
2.4 W 68 °F (20 °C)
Auxiliary contacts type
Mechanically linked 1 NO + 1 NC IEC 60947-5-1
Mirror contact 1 NC IEC 60947-4-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA signalling circuit
Minimum switching voltage
17 V signalling circuit
Non-overlap time
1.5 ms on de-energisation between NC and NO contact
1.5 ms on energisation between NC and NO contact
Insulation resistance
> 10 MOhm signalling circuit
Contact compatibility
M5
Compatibility code
LC1D
Motor power range
7…11 kW at 200…240 V 3 phases
15…25 kW at 380…440 V 3 phases
15…25 kW at 480…500 V 3 phases
Motor starter type
Direct on-line contactor
Contactor coil voltage
24 V DC low consumption
Environment
IP degree of protection
IP20 front face IEC 60529
Protective treatment
TH IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
-40…140 °F (-40…60 °C)
140…158 °F (60…70 °C) with derating
Ambient air temperature for storage
-76…176 °F (-60…80 °C)
Operating altitude
0...9842.52 ft (0...3000 m)
Fire resistance
1562 °F (850 °C) IEC 60695-2-1
Flame retardance
V1 UL 94
Mechanical robustness
Vibrations contactor open2 Gn, 5...300 Hz
Vibrations contactor closed4 Gn, 5...300 Hz
Shocks contactor closed15 Gn for 11 ms
Shocks contactor open8 Gn for 11 ms
Height
3.35 in (85 mm)
Width
1.77 in (45 mm)
Depth
3.98 in (101 mm)
Net Weight
1.18 lb(US) (0.535 kg)
Ordering and shipping details
Category
22354 - CTR,TESYS D,OPEN,9-38A AC
Discount Schedule
I12
GTIN
00785901549512
Nbr. of units in pkg.
1
Package weight(Lbs)
1.32 lb(US) (0.60 kg)
Returnability
Yes
Country of origin
ID
3


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn