Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DL-LS1034 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce DL-LS1034
Description  RED LASER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DL-LS1034 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  DL-LS1034 Datasheet HTML 1Page - Sanyo Semicon Device DL-LS1034 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DL-LS1034
RED LASER DIODE
Features
• Short wavelength : 635 nm (Typ.)
• High output power : 20 mW CW
• Low threshold current : Ith = 40 mA (Typ.)
• Low operating voltage : Vop = 2.3 V (Typ.)
Absolute Maximum Ratings
Electrical and Optical Characteristics
Tottori SANYO Electric Co., Ltd.
Electronic Device Business Headquarter
LED Division
5-318, Tachikawa, Tottori 680-8634 Japan
TEL : +81-857-21-2137 FAX : +81-857-21-2161
Ver.1 Oct. 2001
Note : The above product specification are subject to change without notice.
Parameter
Light Output
Reverse
Voltage
2
30
Symbol
Ratings
Unit
VR
V
mW
Operating Temperature
Storage Temperature
-10 to +50
-40 to +85
Topr
Tstg
°C
°C
Laser
PD
CW
Po
25
1) Initial values
2) All the above values are evaluated with Tottori Sanyo's measuring apparatus
3) Full angle at half maximum
(Tc=25°C)
Parameter
Threshold Current
Operating Current
Lasing Wavelength
Symbol
Ith
Iop
Lp
Condition
Po=20mW
Po=20mW
Min.
-
-
-
Typ.
40
70
635
Max.
60
85
645
Unit
mA
mA
nm
Beam
Divergence
Perpendicular
Parallel
Differential Efficiency
Monitoring Output Current
Off Axis
Angle
Qv
Qh
dQv
dQh
dPo/dIop
Im
Po=20mW
Po=20mW
Po=20mW
22
6
-
-
28
7
-
0.7
0.2
35
10
± 3
± 3
-
°
°
°
°
mW/mA
mA
3)
Astigmatism
As
Po=20mW
8
µm
-
-
-
-
-
-
CW
Operating Voltage
Vop
Po=20mW
-
2.3
2.6
V
Package
3
1
PD
LD
2
Pin Connection
(Tc=25°C)
Perpendicular
Parallel
1
ø2.1
ø4.75± 0.15
ø5.35
ø9.0- 0.03
Top view
1.0± 0.1
Effective window diameter 1.0min.
2 3
ø2.54
Pin No.
ø1.4max.
LD facet
3 -
ø0.45± 0.1
1
3
2
-
0.1
0.5
Applications
Line marker,Leveler
Tolerance : ± 0.2
(Unit : mm)
1) 2)
0
Tentative


Numéro de pièce similaire - DL-LS1034

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
DL-LS1030 SANYO-DL-LS1030 Datasheet
25Kb / 1P
   RED LASER DIODE
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
   RED LASER DIODE
DL-LS1035 SANYO-DL-LS1035 Datasheet
32Kb / 2P
   RED LASER DIODE
More results

Description similaire - DL-LS1034

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
DL-3247-165 SANYO-DL-3247-165 Datasheet
38Kb / 2P
   RED LASER DIODE
logo
Sharp Corporation
LT050PS SHARP-LT050PS Datasheet
23Kb / 1P
   Red Laser Diode
logo
Sanyo Semicon Device
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
   RED LASER DIODE
logo
Roithner LaserTechnik G...
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
   red laser diode
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
   Red Diode Laser
RLTMRL-685 ROITHNER-RLTMRL-685 Datasheet
181Kb / 1P
   red diode laser
S6305MG ROITHNER-S6305MG Datasheet
213Kb / 5P
   Red Laser Diode
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
   red diode laser
logo
Sanyo Semicon Device
DL-3147-065 SANYO-DL-3147-065 Datasheet
35Kb / 2P
   RED LASER DIODE
logo
List of Unclassifed Man...
DL-5147-041 ETC1-DL-5147-041 Datasheet
348Kb / 2P
   Red Laser Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com