Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LC1D18B7 Datasheet(Fiches technique) 3 Page - Schneider Electric

Numéro de pièce LC1D18B7
Description  TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 24 V 50/60 Hz coil
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D18B7 Datasheet(HTML) 3 Page - Schneider Electric

  LC1D18B7 Datenblatt HTML 1Page - Schneider Electric LC1D18B7 Datenblatt HTML 2Page - Schneider Electric LC1D18B7 Datasheet HTML 3Page - Schneider Electric LC1D18B7 Datenblatt HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mechanical durability
15 Mcycles
Maximum operating rate
3600 cyc/h 60 °C
Complementary
Coil technology
Without built-in suppressor module
Control circuit voltage limits
0.3...0.6 Uc (-40…70 °C):drop-out AC 50/60 Hz
0.8...1.1 Uc (-40…60 °C):operational AC 50 Hz
0.85...1.1 Uc (-40…60 °C):operational AC 60 Hz
1...1.1 Uc (60…70 °C):operational AC 50/60 Hz
Inrush power in VA
70 VA 60 Hz cos phi 0.75 (at 20 °C)
70 VA 50 Hz cos phi 0.75 (at 20 °C)
Hold-in power consumption in VA
7.5 VA 60 Hz cos phi 0.3 (at 20 °C)
7 VA 50 Hz cos phi 0.3 (at 20 °C)
Heat dissipation
2…3 W at 50/60 Hz
Auxiliary contacts type
type mechanically linked 1 NO + 1 NC conforming to IEC 60947-5-1
type mirror contact 1 NC conforming to IEC 60947-4-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA for signalling circuit
Minimum switching voltage
17 V for signalling circuit
Non-overlap time
1.5 ms on de-energisation between NC and NO contact
1.5 ms on energisation between NC and NO contact
Insulation resistance
> 10 MOhm for signalling circuit
Contact compatibility
M2
Compatibility code
LC1D
Motor power range
4…6 kW 200…240 V 3 phase
7…11 kW 380…440 V 3 phase
7…11 kW 480…500 V 3 phase
Motor starter type
Direct on-line contactor
Contactor coil voltage
24 V AC standard
Environment
IP degree of protection
IP20 front face conforming to IEC 60529
Protective treatment
TH conforming to IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
-40…60 °C
60…70 °C with derating
Ambient air temperature for storage
-76…176 °F (-60…80 °C)
Operating altitude
0...3000 m
Fire resistance
850 °C conforming to IEC 60695-2-1
Flame retardance
V1 conforming to UL 94
Mechanical robustness
Vibrations contactor open: 2 Gn, 5...300 Hz
Vibrations contactor closed: 4 Gn, 5...300 Hz
Shocks contactor open: 10 Gn for 11 ms
Shocks contactor closed: 15 Gn for 11 ms
Height
3.03 in (77 mm)
Width
1.77 in (45 mm)
Depth
3.39 in (86 mm)
Net Weight
0.73 lb(US) (0.33 kg)
Ordering and shipping details
Category
22354 - CTR,TESYS D,OPEN,9-38A AC
Discount Schedule
I12
GTIN
00785901207078
Nbr. of units in pkg.
1
Package weight(Lbs)
0.79 lb(US) (0.36 kg)
Returnability
Yes
3


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn