Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

XZCPA1141L5 Datasheet(Fiches technique) 1 Page - Schneider Electric

Numéro de pièce XZCPA1141L5
Description  pre-wired connectors XZ - straight female - M12 - 4 pins - cable PVC 5m
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XZCPA1141L5 Datasheet(HTML) 1 Page - Schneider Electric

  XZCPA1141L5 Datasheet HTML 1Page - Schneider Electric XZCPA1141L5 Datenblatt HTML 2Page - Schneider Electric XZCPA1141L5 Datenblatt HTML 3Page - Schneider Electric XZCPA1141L5 Datenblatt HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Jan 5, 2021
1
Product data sheet
Characteristics
XZCPA1141L5
pre-wired connectors XZ - straight female -
M12 - 4 pins - cable PVC 5m
Main
Accessory / separate
part category
Cabling accessory
Accessory / separate
part type
Pre-wired connectors
Series name
Application
Complementary
Electrical connection
Straight female connector M12, 4 pins
Cable connector fixing
Screw-on
Collar material
Stainless steel 316L
Status LED
Without
Cable length
5 m
Cable outer diameter
5.3 mm
Cable composition
4 x 0.34 mm²
Wire insulation material
PVC
[Ue] rated operational voltage
250 V AC
300 V DC
[In] rated current
4 A
Contact resistance
5000 µOhm
Minimum insulating resistance
1 GΩ
Net weight
0.19 kg
Environment
IP degree of protection
IP69K
Ambient air temperature for operation
-25…85 °C static
Ambient air temperature for storage
-35…100 °C
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
216 g
Package 1 Height
3.6 cm
Package 1 width
19.3 cm
Package 1 Length
14.5 cm


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn