Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SB1036 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SB1036
Description  Silicon PNP epitaxial planer type(For low-frequency and low-noise amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1036 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SB1036 Datasheet HTML 1Page - Panasonic Semiconductor 2SB1036 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SB1036
0
160
40
120
80
140
20
100
60
0
500
400
300
200
100
450
350
250
150
50
Ambient temperature Ta (˚C)
0
–12
–10
–8
–2
–6
–4
0
–24
–20
–16
–12
–8
–4
Ta=25˚C
–45
µA
–10
µA
–15
µA
–20
µA
–25
µA
–30
µA
–35
µA
–40
µA
–5
µA
I
B=–50µA
Collector to emitter voltage V
CE
(V)
0
–2.0
–1.6
– 0.4
–1.2
– 0.8
0
–60
–50
–40
–30
–20
–10
V
CE=–5V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
– 0.1
–1
–10
–100
– 0.3
–3
–30
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=10
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
– 0.1
–1
–10
–100
– 0.3
–3
–30
0
1000
800
600
400
200
900
700
500
300
100
V
CE=–5V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
0.1
1
10
100
0.3
3
30
0
160
120
40
100
140
80
20
60
V
CB=–5V
Ta=25˚C
Emitter current I
E
(mA)
–1
–3
–10
–30
–100
0
10
8
6
4
2
9
7
5
3
1
IE=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
– 0.01
– 0.03
– 0.1
– 0.3
–1
0
120
100
80
60
40
20
V
CE=–10V
G
V=80dB
Function=FLAT
4.7k
R
g=100kΩ
22k
Collector current I
C
(mA)
PC — Ta
IC — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
NV — IC


Numéro de pièce similaire - 2SB1036

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SB1030 PANASONIC-2SB1030 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1030A PANASONIC-2SB1030A Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
logo
Hitachi Semiconductor
2SB1031 HITACHI-2SB1031 Datasheet
320Kb / 2P
   SILICON NPN EPITAXIAL LOW FREQUENCY POWER AMPLIFIER HIGH CURRENT SWITCHING
logo
Inchange Semiconductor ...
2SB1031 ISC-2SB1031 Datasheet
88Kb / 2P
   Complement to Type 2SD1435
logo
New Jersey Semi-Conduct...
2SB1031 NJSEMI-2SB1031 Datasheet
137Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Description similaire - 2SB1036

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SB745 PANASONIC-2SB745 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type(For low-frequency and low-noise amplification)
2SB1050 PANASONIC-2SB1050 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1073 PANASONIC-2SB1073 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB774 PANASONIC-2SB774 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1030 PANASONIC-2SB1030 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1539 PANASONIC-2SB1539 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1592 PANASONIC-2SB1592 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1612 PANASONIC-2SB1612 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1679 PANASONIC-2SB1679 Datasheet
44Kb / 1P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SC2634 PANASONIC-2SC2634 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com