Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JT120-G-CD Fiches technique(PDF) 1 Page - Mallory Sonalert Products Inc

No de pièce JT120-G-CD
Description  CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSPI [Mallory Sonalert Products Inc]
Site Internet  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

JT120-G-CD Fiches technique(HTML) 1 Page - Mallory Sonalert Products Inc

  JT120-G-CD Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
18
PATENT NUMBER
D898600
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
Mallory Sonalert Products, Inc.
JT120-G-CD
Sales Outline Drawing
C
Specifications:
Stack Number:
1
Connection Wires:
Green and Brown
LED Color:
GREEN
LED Current Draw:
<190 mA
Rated Voltage:
120 VAC
Operating Voltage:
90-120 VAC
Total Max Current:
<190mA
Operating Temperature:
-25° ~ +60°C
Lens Color:
Opaque White
Material:
ABS FR15U
Mounting Method:
Direct Mount using 1/2" NPT Stainless Steel Pipe and Nut
Weight Typical (g):
165
LED OPERATION:
CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER.
NEMA 12:
Approved
Options:
Please contact factory.
Dimensions:
Inches (mm)
ROHS Compliant
cUL Recognized


Numéro de pièce similaire - JT120-G-CD

FabricantNo de pièceFiches techniqueDescription
logo
Mallory Sonalert Produc...
JT120-G-CDL MSPI-JT120-G-CDL Datasheet
50Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
More results

Description similaire - JT120-G-CD

FabricantNo de pièceFiches techniqueDescription
logo
Mallory Sonalert Produc...
JT028-R-CEL MSPI-JT028-R-CEL Datasheet
49Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-RG-CD MSPI-JT028-RG-CD Datasheet
43Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-RG-CDL MSPI-JT028-RG-CDL Datasheet
50Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-RG-CEL MSPI-JT028-RG-CEL Datasheet
51Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-Y-CDL MSPI-JT028-Y-CDL Datasheet
50Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-Y-CEL MSPI-JT028-Y-CEL Datasheet
52Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-YG-CD MSPI-JT028-YG-CD Datasheet
43Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-YG-CEL MSPI-JT028-YG-CEL Datasheet
51Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT120-G-CEL MSPI-JT120-G-CEL Datasheet
52Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT120-RYG-CE MSPI-JT120-RYG-CE Datasheet
46Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT120-Y-CD MSPI-JT120-Y-CD Datasheet
70Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com