Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S3A1U3L-A1 Fiches technique(PDF) 2 Page - Silicom Ltd.

No de pièce S3A1U3L-A1
Description  1U PCI Express Gen3.0 Host Connector Interface Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICOM [Silicom Ltd.]
Site Internet  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

S3A1U3L-A1 Fiches technique(HTML) 2 Page - Silicom Ltd.

  S3A1U3L-A1 Datasheet HTML 1Page - Silicom Ltd. S3A1U3L-A1 Datasheet HTML 2Page - Silicom Ltd. S3A1U3L-A1 Datasheet HTML 3Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Redundant PSU (1+1), low cost model with single PSU
Standard dimension motherboard (12×13) with next generation NEHALEM CPUs
Based on embedded solutions
–Up to 5 years product life cycle
Host Interface:
Host Interface standard support PCI Express 2.0 (5Gb/s)
Host Interface standard support PCI Express 3.0 (8Gb/s)
PCI Express X8 lanes
Signaling and interface based on PCI-Express EM standard (PCI-SIG) ver. 2.0 (5.0 Gb/s)
Module Width same as standard of 3.5” Hard Disk (101.6mm)
Module install to 3.5” Hard disk Bay of rack mountable server
PCI-E EM Backplane replacing HD Backplane
PCI Express ExpressModule Electromechanical Specification Revision 1.0 (2.0)
PCI Express External Cabling Specification Revision 1.0 (2.0)
PCI Express External Cabling Specification 2.0 Revision 0.3 RC2
PCI Express External Cabling Specification 3.0 Revision 1.0
Building Blocks:
Silicom’s PCI Express backplane replaces SATA backplane
Silicom’s Express Module I/O cards replace SAS / SATA drives
Standard PCI Express host connector interface adapter
In system TWINAX PCI Express cabling
Technical Specifications
General Technical Specifications
Size:
4.528” x 1.268” (115mm x 32.21mm)
PCI Express Card Type:
X8 Lane
Voltage:
+12V (Min 11.4, Max, 12.6V)
Holder:
Metal Bracket
Weight:
10gr (0.353 oz)
Power Consumption:
0.05A @ 12V , 0.6W


Numéro de pièce similaire - S3A1U3L-A1

FabricantNo de pièceFiches techniqueDescription
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Bruckewell Technology L...
S3A BWTECH-S3A Datasheet
84Kb / 2P
   SURFACE MOUNTGLASS PASSIVATED RECTIFIERS
logo
Leshan Radio Company
S3A LRC-S3A Datasheet
189Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
More results

Description similaire - S3A1U3L-A1

FabricantNo de pièceFiches techniqueDescription
logo
AAEON Technology
NIM-S13C AAEON-NIM-S13C Datasheet
168Kb / 1P
   PCI-Express Host Interface
PER-C39L AAEON-PER-C39L Datasheet
212Kb / 1P
   PCI-Express Host Interface
NIM-C13B AAEON-NIM-C13B Datasheet
165Kb / 1P
   PCI-Express Host Interface
NIM-S26A AAEON-NIM-S26A Datasheet
120Kb / 1P
   pci-express host interfaces
NIM-S26C AAEON-NIM-S26C Datasheet
161Kb / 1P
   PCI-Express Host Interfaces
logo
Silicom Ltd.
S3A2U3-A2 SILICOM-S3A2U3-A2 Datasheet
341Kb / 3P
   2U & 3U PCI Express x16 Gen 3.0 Host Connector to Two TWINAX Connectors Interface Adapter
logo
Cirrus Logic
CL-PD6833 CIRRUS-CL-PD6833 Datasheet
1Mb / 216P
   PCI-to-CardBus Host Adapter
logo
Contec Co., Ltd
EAD-CE-LPE CONTEC-EAD-CE-LPE Datasheet
216Kb / 2P
   Cabled PCI Express PCI Express bus slot Expansion Adapter
ECH-PCI-CE-H4D CONTEC-ECH-PCI-CE-H4D Datasheet
223Kb / 2P
   Cabled PCI Express PCI Express bus slot Expansion Adapter
logo
TP-Link Technologies Co...
TG-3468 TP-LINK-TG-3468 Datasheet
453Kb / 2P
   Gigabit PCI Express Network Adapter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com