Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NTHD4502NT1G Datasheet(Fiches technique) 1 Page - VBsemi Electronics Co.,Ltd

Numéro de pièce NTHD4502NT1G
Description  Dual N-Channel 20 V (D-S) MOSFET
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VBSEMI [VBsemi Electronics Co.,Ltd]
Site Internet  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

NTHD4502NT1G Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  NTHD4502NT1G Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datenblatt HTML 2Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datenblatt HTML 3Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datenblatt HTML 4Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datenblatt HTML 5Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datenblatt HTML 6Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datenblatt HTML 7Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datenblatt HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual N-Channel
20 V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
20
0.0
22 at V
GS = 4.5 V
4.8
1.8 nC
0.0
28 at V
GS = 2.5 V
3.3
N-Channel MOSFET
G 1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 150 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±
12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4.8
A
TC = 70 °C
3
TA = 25 °C
3.4b, c
TA = 70 °C
2.7b, c
Pulsed Drain Current
IDM
15
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.17
TA = 25 °C
0.95b, c
Maximum Power Dissipation
TC = 25 °C
PD
1.4
W
TC = 70 °C
0.9
TA = 25 °C
1.14b, c
TA = 70 °C
0.73b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
93
110
°C/W
Maximum Junction-to-Foot
Steady State
RthJF
75
90
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch for Portable Applications
DC/DC Converters
D
1
2
3
4
8
7
6
5
1206-8 ChipFET
® (Dual)
Bottom View
S1
G1
S2
G2
D1
D1
D2
D2
1
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
NTHD4502NT1G
1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn