Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NTHD4502NT1G Datasheet(Fiches technique) 5 Page - VBsemi Electronics Co.,Ltd

Numéro de pièce NTHD4502NT1G
Description  Dual N-Channel 20 V (D-S) MOSFET
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VBSEMI [VBsemi Electronics Co.,Ltd]
Site Internet  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

NTHD4502NT1G Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  NTHD4502NT1G Datenblatt HTML 1Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datenblatt HTML 2Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datenblatt HTML 3Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datenblatt HTML 4Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datenblatt HTML 6Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datenblatt HTML 7Page - VBsemi Electronics Co.,Ltd NTHD4502NT1G Datenblatt HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
1
2
3
4
5
0
255075
100
125
150
Package Limited
TC - Case Temperature (°C)
Power Derating
0.0
0.4
0.8
1.2
1.6
25
50
75
100
125
150
TC - Foot Temperature (°C)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
NTHD4502NT1G
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn