Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM4520H Fiches technique(PDF) 7 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

No de pièce AM4520H
Description  N-Channel and P-Channel MOSFET use advanced trench Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Site Internet  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AM4520H Fiches technique(HTML) 7 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  AM4520H Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 7Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 8Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 9Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.doingter.cn
7
Typical Electrical and Thermal Characteristics
P
Figure 1:Switching Test Circuit
TJ-Junction Temperature(℃)
Figure 3 Power Dissipation
Vds Drain-Source Voltage (V)
Figure 5 Output Characteristics
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2:Switching Waveforms
TJ-Junction Temperature(℃)
Figure 4 Drain Current
ID- Drain Current (A)
Figure 6 Drain-Source On-Resistance
AM 4520H


Numéro de pièce similaire - AM4520H

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM4520H ANALOGPOWER-AM4520H Datasheet
499Kb / 7P
   P & N-Channel 20-V (D-S) MOSFET
More results

Description similaire - AM4520H

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN DOINGTER SEMIC...
AP5521GM-HF DOINGTER-AP5521GM-HF Datasheet
2Mb / 7P
   N-Channel and P-Channel MOSFET use advanced trench Technology
SPC4539 DOINGTER-SPC4539 Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
AM4512C DOINGTER-AM4512C Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
SSG4510 DOINGTER-SSG4510 Datasheet
2Mb / 7P
   N-Channel and P-Channel MOSFET use advanced trench Technology
AM4542C DOINGTER-AM4542C Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
SPC4527 DOINGTER-SPC4527 Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
AM4530C DOINGTER-AM4530C Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
FW344A DOINGTER-FW344A Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench technology
SSG4530C DOINGTER-SSG4530C Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench technology
AP4539GM-HF DOINGTER-AP4539GM-HF Datasheet
2Mb / 9P
   N-Channel and P-Channel MOSFET use advanced trench Technology
SPC4567 DOINGTER-SPC4567 Datasheet
2Mb / 5P
   N-Channel and P-Channel MOSFET use advanced trench Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com