Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM4362N Fiches technique(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

No de pièce AM4362N
Description  N-Channel MOSFET uses advanced trench technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Site Internet  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AM4362N Fiches technique(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  AM4362N Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4362N Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4362N Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4362N Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.doingter.cn
2
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
30
---
---
V
△BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25℃ ,
ID=1mA
---
0.04
---
V/℃
IDSS
Drain-Source Leakage Current
VDS=30V , VGS=0V ,
TJ=25℃
---
---
1
uA
VDS=24V , VGS=0V ,
TJ=125℃
---
---
10
uA
IGSS
Gate-Source Leakage Current
VGS=±20V, VDS=0V
---
---
±100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=250μA
1.2
1.6
2.5
V
△VGS(th)
VGS(th) Temperature Coefficient
---
4
---
mV/
RDS(ON)
Static Drain-Source On Resistance
VGS=10V,ID=10A
---
5
6
VGS=4.5V,ID=5A
---
6.5
9
GFS
Forward Transconductance
VDS=10V, ID=10A
---
18
---
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS=25V, VGS=0V, f=1MHz
---
1160
1900
pF
Coss
Output Capacitance
---
200
400
Crss
Reverse Transfer Capacitance
---
180
360
Switching Characteristics
td(on)
Turn-On Delay Time
2,3
VDS=15V, ID=15A,
RGEN=3.3Ω, VGS=10V
---
7.5
15
ns
tr
Rise Time
2,3
---
14.5
28
ns
td(off)
Turn-Off Delay Time
2,3
---
35.2
60
ns
tf
Fall Time
2,3
---
9.6
19
ns
AM 4362N
Electrical Characteristics:(T
C=25unless otherwise noted)


Numéro de pièce similaire - AM4362N

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM4362N ANALOGPOWER-AM4362N Datasheet
364Kb / 5P
   N-Channel 30-V (D-S) MOSFET
More results

Description similaire - AM4362N

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN DOINGTER SEMIC...
DC006NG DOINGTER-DC006NG Datasheet
827Kb / 4P
   N-Channel MOSFET uses advanced trench technology
DC022NG DOINGTER-DC022NG Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
FH070NR DOINGTER-FH070NR Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJP07N65 DOINGTER-CJP07N65 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
CEP93A3 DOINGTER-CEP93A3 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJPF12N65 DOINGTER-CJPF12N65 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJU50N06 DOINGTER-CJU50N06 Datasheet
1,014Kb / 4P
   N-Channel MOSFET uses advanced trench technology
APM2055NU DOINGTER-APM2055NU Datasheet
965Kb / 5P
   N-Channel MOSFET uses advanced trench technology
APM4030BNU DOINGTER-APM4030BNU Datasheet
635Kb / 5P
   N-Channel MOSFET uses advanced trench technology
DKI06261 DOINGTER-DKI06261 Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
STP454 DOINGTER-STP454 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com