Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-4100-TR000 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HLMP-4100-TR000 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 6 page 2 Note: 1. θ1/ 2 is the angle from optical centerline where the luminous intensity is 1/ 2 the optical centerline value. Selection Guide Luminous Intensity Iv (mcd) at 20 mA 2 θ 1/2 [1] Device HLMP- Min. Typ. Max. Degree 4100 500.0 750.0 – 8 4101 700.0 1000.0 – 8 4101-ST0xx 1400.0 2700.0 4000.0 8 Part Numbering System Notes: 1. ‘0’ indicates no maximum intensity limit. 2. ‘0’ indicates full color distribution. HLMX -41XX-X XXXX Mechanical Option 00: Bulk Color Bin Options 0: Full color bin distribution Maximum Iv Bin Options 0: Open (No. max. limit) Others: Please refer to the Iv bin Table Minimum Iv Bin Options Please refer to the Iv bin Table Brightness Level 00: Lower brightness 01: Higher brightness |
Numéro de pièce similaire - HLMP-4100-TR000 |
|
Description similaire - HLMP-4100-TR000 |