Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2110A Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2110A
Description  AUTOSWITHING POWER MUX
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2110A Fiches technique(HTML) 1 Page - Texas Instruments

  TPS2110A Datasheet HTML 1Page - Texas Instruments TPS2110A Datasheet HTML 2Page - Texas Instruments TPS2110A Datasheet HTML 3Page - Texas Instruments TPS2110A Datasheet HTML 4Page - Texas Instruments TPS2110A Datasheet HTML 5Page - Texas Instruments TPS2110A Datasheet HTML 6Page - Texas Instruments TPS2110A Datasheet HTML 7Page - Texas Instruments TPS2110A Datasheet HTML 8Page - Texas Instruments TPS2110A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPS2110A
TPS2111A
SBVS043 − MARCH 2004
AUTOSWITCHING POWER MUX
Actual Size
(3,10 mm x 4,50 mm)
FEATURES
D Two-Input, One-Output Power Multiplexer
With Low rDS(on) Switches:
− 84 m
Ω Typ (TPS2111A)
− 120 m
Ω Typ (TPS2110A)
D Reverse and Cross-Conduction Blocking
D Wide Operating Voltage Range . . . .2.8 V to
5.5 V
D Low Standby Current . . . . 0.5-µA Typ
D Low Operating Current . . . . 55-µA Typ
D Adjustable Current Limit
D Controlled Output Voltage Transition Times,
Limits Inrush Current and Minimizes Output
Voltage Hold-Up Capacitance
D CMOS- and TTL-Compatible Control Inputs
D Manual and Auto-Switching Operating Modes
D Thermal Shutdown
D Available in a TSSOP-8 Package
APPLICATIONS
D PCs
D PDAs
D Digital Cameras
D Modems
D Cell Phones
D Digital Radios
D MP3 Players
1
2
3
4
8
7
6
5
D0
D1
VSNS
ILIM
IN1
OUT
IN2
GND
PW PACKAGE
(TOP VIEW)
DESCRIPTION
The TPS211xA family of power multiplexers enables seamless transition between two power supplies, such as a battery
and a wall adapter, each operating at 2.8−5.5 V and delivering up to 1 A. The TPS211xA family includes extensive protection
circuitry, including user-programmable current limiting, thermal protection, inrush current control, seamless supply
transition, cross-conduction blocking, and reverse-conduction blocking. These features greatly simplify designing power
multiplexer applications.
TYPICAL APPLICATION
D0
D1
VSNS
ILIM
IN1
OUT
IN2
GND
1
2
3
4
8
7
6
5
TPS2110A/TPS2111A
C1
0.1
µF
C2
0.1
µF
CL
RL
IN1: 2.8 − 5.5 V
IN2: 2.8 − 5.5 V
RILIM
EN1
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated


Numéro de pièce similaire - TPS2110A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2110A TI1-TPS2110A Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110APW TI1-TPS2110APW Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110APWG4 TI1-TPS2110APWG4 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110APWR TI1-TPS2110APWR Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Description similaire - TPS2110A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS22981 TI1-TPS22981 Datasheet
1Mb / 27P
[Old version datasheet]   Thunderbolt Power Mux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com