Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-1401-EFBEE Fiches technique(PDF) 6 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-1401-EFBEE
Description  T-1 (3 mm) Diffused LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1401-EFBEE Fiches technique(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HLMP-1401-EFBEE Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1401-EFBEE Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1401-EFBEE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1401-EFBEE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1401-EFBEE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1401-EFBEE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1401-EFBEE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-1401-EFBEE Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-1401-EFBEE Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Figure 5. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDC MAX
as per MAX Ratings).
Figure 6. Relative Luminous Intensity vs. Angular Displacement.
Figure 3. Relative Luminous Intensity
vs. DC Forward Current.
Figure 2. Forward Current vs.
Forward Voltage Characteristics.
Figure 4. Relative Efficiency
(Luminous Intensity per Unit Current)
vs. Peak LED Current.
T-1 High Efficiency Red, Orange Diffused Lamps
Figure 1. Relative Intensity vs. Wavelength.
ORANGE
AlGaAs RED
HIGH EFFICIENCY RED
WAVELENGTH – nm
1.0
0.5
0
500
550
600
650
700
750
YELLOW
EMERALD GREEN
HIGH
PERFORMANCE
GREEN
TA = 25° C


Numéro de pièce similaire - HLMP-1401-EFBEE

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-1401 HP-HLMP-1401 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1401 AVAGO-HLMP-1401 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1401 BOARDCOM-HLMP-1401 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
More results

Description similaire - HLMP-1401-EFBEE

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com