Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1531 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SA1531
Description  Silicon PNP epitaxial planer type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA1531 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SA1531 Datasheet HTML 1Page - Panasonic Semiconductor 2SA1531 Datasheet HTML 2Page - Panasonic Semiconductor 2SA1531 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Transistor
2SA1531, 2SA1531A
0
160
40
120
80
140
20
100
60
0
240
200
160
120
80
40
Ambient temperature Ta (˚C)
0
–12
–10
–8
–2
–6
–4
0
–160
–120
–40
–100
–140
–80
–20
–60
Ta=25˚C
I
B=–350µA
–300
µA
–250
µA
–200
µA
–150
µA
–100
µA
–50
µA
Collector to emitter voltage V
CE
(V)
0– 0.5
– 0.4
– 0.1
– 0.3
– 0.2
0
–160
–120
–40
–100
–140
–80
–20
–60
V
CE=–5V
Ta=25˚C
Base current I
B
(mA)
0
–1.0
– 0.8
– 0.2
– 0.6
– 0.4
0
–800
–600
–200
–500
–700
–400
–100
–300
V
CE=–5V
Ta=25˚C
Base to emitter voltage V
BE
(V)
0
–2.0
–1.6
– 0.4
–1.2
– 0.8
0
–120
–100
–80
–60
–40
–20
V
CE=–5V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
– 0.1
–1
–10
–100
– 0.3
–3
–30
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=10
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
– 0.1
–1
–10
–100
– 0.3
–3
–30
0
600
500
400
300
200
100
V
CE=–5V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
0.1
1
10
100
0.3
3
30
0
500
400
300
200
100
450
350
250
150
50
V
CB=–5V
Ta=25˚C
Emitter current I
E
(mA)
– 0.1
–1
–10
–100
– 0.3
–3
–30
0
20
16
12
8
4
18
14
10
6
2
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
PC —Ta
IC —VCE
IC —IB
IB —VBE
IC —VBE
VCE(sat) —IC
hFE —IC
fT —IE
Cob —VCB


Numéro de pièce similaire - 2SA1531

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SA1531A KEXIN-2SA1531A Datasheet
47Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SA1531A-R KEXIN-2SA1531A-R Datasheet
1Mb / 3P
   PNP Transistors
2SA1531A-S KEXIN-2SA1531A-S Datasheet
1Mb / 3P
   PNP Transistors
2SA1531A-T KEXIN-2SA1531A-T Datasheet
1Mb / 3P
   PNP Transistors
2SA1531A KEXIN-2SA1531A_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Description similaire - 2SA1531

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
   Silicon PNP epitaxial planer type
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
   Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
   Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA2009 PANASONIC-2SA2009 Datasheet
43Kb / 1P
   Silicon PNP epitaxial planer type
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com