Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD3986J285R-E Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce LD3986J285R-E
Description  DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3986J285R-E Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button LD3986J285R-E Datasheet HTML 2Page - STMicroelectronics LD3986J285R-E Datasheet HTML 3Page - STMicroelectronics LD3986J285R-E Datasheet HTML 4Page - STMicroelectronics LD3986J285R-E Datasheet HTML 5Page - STMicroelectronics LD3986J285R-E Datasheet HTML 6Page - STMicroelectronics LD3986J285R-E Datasheet HTML 7Page - STMicroelectronics LD3986J285R-E Datasheet HTML 8Page - STMicroelectronics LD3986J285R-E Datasheet HTML 9Page - STMicroelectronics LD3986J285R-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LD3986 SERIES
6/12
TYPICAL PERFORMANCE CHARACTERISTICS (Tj = 25°C, VI = VO(NOM) +0.5V, CI = CO = 1µF,
CBYP = 10nF, IO = 1mA, VEN = 1.4V, unless otherwise specified)
Figure 6: VO1,2 vs Temperature
Figure 7: VO1,2 vs Temperature
Figure 8: Line Regulation vs Temperature
Figure 9: Load Regulation vs Temperature
Figure 10: Quiescent Current vs Temperature
Figure 11: Quiescent Current vs Temperature


Numéro de pièce similaire - LD3986J285R-E

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LD3980 STMICROELECTRONICS-LD3980 Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM08R STMICROELECTRONICS-LD3980PM08R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM12R STMICROELECTRONICS-LD3980PM12R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM135R STMICROELECTRONICS-LD3980PM135R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM13R STMICROELECTRONICS-LD3980PM13R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
More results

Description similaire - LD3986J285R-E

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LDS3985 STMICROELECTRONICS-LDS3985 Datasheet
337Kb / 13P
   ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
   Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
   ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
Unisonic Technologies
LD2985 UTC-LD2985_10 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
logo
STMicroelectronics
LD2982AXX STMICROELECTRONICS-LD2982AXX Datasheet
329Kb / 20P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
LD2982BXX18 STMICROELECTRONICS-LD2982BXX18 Datasheet
333Kb / 17P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
LD2985AXX STMICROELECTRONICS-LD2985AXX Datasheet
340Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
LD2985AXX STMICROELECTRONICS-LD2985AXX_09 Datasheet
344Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com