Moteur de recherche de fiches techniques de composants électroniques |
|
LT6700-1 Fiches technique(PDF) 6 Page - Linear Technology |
|
LT6700-1 Fiches technique(HTML) 6 Page - Linear Technology |
6 / 12 page LT6700-1/LT6700-2/LT6700-3 6 6700123fb TYPICAL PERFOR A CE CHARACTERISTICS Distribution of Rising Input Threshold Voltage RISING INPUT THRESHOLD VOLTAGE (mV) 394 396 398 400 402 404 406 0 2 6 8 10 18 6700123 G01 4 12 14 16 VS = 5V TA = 25°C HYSTERESIS (mV) 4 4.8 5.6 6.4 7.2 8 8.8 0 2 6 8 10 6700123 G03 4 12 14 16 18 20 VS = 5V TA = 25°C FALLING INPUT THRESHOLD VOLTAGE (mV) 388 390 392 394 396 398 400 0 2 6 8 10 6700123 G02 4 12 14 18 16 VS = 5V TA = 25°C Distribution of Falling Input Threshold Voltage Distribution of Hysteresis Rising Input Threshold Voltage vs Temperature Rising Input Threshold Voltage vs Temperature Rising Input Threshold Voltage vs Supply Voltage TEMPERATURE ( °C) –60 –40 400 401 402 100 120 6700123 G04 399 398 –20 0 20406080 397 404 403 396 FOUR TYPICAL PARTS VS = 5V #1 #2 #3 #4 TEMPERATURE ( °C) –60 –40 401.0 401.5 402.0 100 120 6700123 G05 400.5 400.0 –20 0 20406080 399.5 403.0 402.5 399.0 VS = 1.4V VS = 5V VS = 12V VS = 18V SUPPLY VOLTAGE (V) 401.0 401.5 402.0 6700123 G06 400.5 400.0 24 16 14 18 6 810 12 399.5 403.0 402.5 399.0 TA = 25°C TA = 85°C TA = 125°C TA = –55°C Hysteresis vs Temperature TEMPERATURE ( °C) –60 –40 6 7 8 100 120 6700123 G07 5 4 –20 0 20406080 3 10 9 2 FOUR TYPICAL PARTS VS = 5V #1 #2 #3 #4 TEMPERATURE ( °C) –60 –40 6 7 8 100 120 6700123 G08 5 4 –20 0 20406080 3 10 9 2 VS = 1.4V VS = 5V VS = 12V VS = 18V SUPPLY VOLTAGE (V) 6 7 8 6700123 G09 5 4 24 16 14 18 6 810 12 3 10 9 2 TA = 25°C TA = 85°C TA = 125°C TA = –55°C Hysteresis vs Temperature Hysteresis vs Supply Voltage |
Numéro de pièce similaire - LT6700-1 |
|
Description similaire - LT6700-1 |