Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-EL55-KG400 Fiches technique(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HLMP-EL55-KG400 Fiches technique(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 6 page 5 Figure 2. Forward Current vs. Forward Voltage. Figure 3. Relative Luminous Intensity vs. Forward Current. Figure 4. Maximum Forward Current vs. Ambient Temperature. Derating Based on TJMAX = 130°C. Figure 1. Relative Intensity vs. Peak Wavelength. Figure 5. Representative Spatial Radiation Pattern for 55 ° Viewing Angle Lamps. WAVELENGTH – nm 500 600 650 700 1.0 0.5 0 AMBER RED-ORANGE RED 550 1.0 0 VF – FORWARD VOLTAGE – V 2.5 100 40 30 1.5 2.0 60 3.0 10 20 50 RED AMBER 70 80 90 0 0 IF – DC FORWARD CURRENT – mA 40 3.0 2.0 1.5 1.0 0.5 20 60 2.5 0 0 TA – AMBIENT TEMPERATURE – °C 40 80 50 40 30 20 10 20 60 100 R θJA = 585° C/W R θJA = 780° C/W 100 0 θ – ANGULAR DISPLACEMENT – DEGREES 80 60 50 70 20 -80 -60 10 30 40 -40 0 20 40 60 80 100 90 -100 -20 |
Numéro de pièce similaire - HLMP-EL55-KG400 |
|
Description similaire - HLMP-EL55-KG400 |