Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M-1450 Fiches technique(PDF) 2 Page - Moxa Inc.

No de pièce M-1450
Description  Remote I/O modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOXA [Moxa Inc.]
Site Internet  https://www.moxa.com/
Logo MOXA - Moxa Inc.

M-1450 Fiches technique(HTML) 2 Page - Moxa Inc.

  M-1450 Datasheet HTML 1Page - Moxa Inc. M-1450 Datasheet HTML 2Page - Moxa Inc. M-1450 Datasheet HTML 3Page - Moxa Inc. M-1450 Datasheet HTML 4Page - Moxa Inc. M-1450 Datasheet HTML 5Page - Moxa Inc. M-1450 Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.moxa.com
2
Digital Outputs
Connector
M-2800/2801: Spring-type Euroblock terminal
M-2600/2601: I/O flat cable, 20-pin
Current Rating
500 mA per channel
I/O Type
M-2600/2800: Sink
M-2601/2801: Source
I/O Mode
DO
Relays
Connector
Spring-type Euroblock terminal
Contact Current Rating
Resistive load: 2 A @ 5 VDC
Resistive load: 0.5 A @ 110 VDC
Resistive load: 2 A @ 250 VAC
Type
Form A (N.O.) power relay
Analog Inputs
Accuracy
±0.1% FSR @ 25°C
±0.3% FSR @ 0 and 60°C
Connector
Spring-type Euroblock terminal
I/O Mode
Voltage/Current
Input Impedance
M-3810: 500 kilo-ohms (min.)
M-3801: 120 ohms
Input Range
M-3810: 0 to 10 VDC
M-3802: 4 to 20 mA
Analog Outputs
Accuracy
±0.1% FSR @ 25°C
±0.3% FSR @ 0 and 60°C
Connector
Spring-type Euroblock terminal
Output Range
M-4410: 0 to 10 VDC
M-4402: 4 to 20 mA
Resolution
12-bit
I/O Mode
Static
I/O Type
Single-ended
Output Impedance
500 ohms
RTDs
Accuracy
±0.1% FSR @ 25°C
±0.3% FSR @ 0 and 60°C
Connector
Spring-type Euroblock terminal
Input Impedance
500 kilo-ohms (min.)


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn