Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT90866 Fiches technique(PDF) 74 Page - Zarlink Semiconductor Inc

No de pièce MT90866
Description  Flexible 4 K x 2.4 K Channel Digital Switch with H.110 Interface and 2.4 K x 2.4 K Local Switch
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT90866 Fiches technique(HTML) 74 Page - Zarlink Semiconductor Inc

Back Button MT90866 Datasheet HTML 70Page - Zarlink Semiconductor Inc MT90866 Datasheet HTML 71Page - Zarlink Semiconductor Inc MT90866 Datasheet HTML 72Page - Zarlink Semiconductor Inc MT90866 Datasheet HTML 73Page - Zarlink Semiconductor Inc MT90866 Datasheet HTML 74Page - Zarlink Semiconductor Inc MT90866 Datasheet HTML 75Page - Zarlink Semiconductor Inc MT90866 Datasheet HTML 76Page - Zarlink Semiconductor Inc MT90866 Datasheet HTML 77Page - Zarlink Semiconductor Inc MT90866 Datasheet HTML 78Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
MT90866
Data Sheet
74
Zarlink Semiconductor Inc.
† Characteristics are over recommended operating conditions unless otherwise stated.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
Note 1:
No jitter presented on input reference clock.
Figure 34 - Local Clock Timing Diagram when ST_CKo0/1 frequency = 8.192 MHz
AC Electrical Characteristics- Local Frame Pulse and Clock Timing,
ST_CKo0 = 8.192 MHz
Characteristic
Sym.
Min.
Typ.
Max.
Units
Notes
1
Local Frame Boundary Offset1
tLFBOS
17.5+
ns
CL=30 pF
2
ST_FPo0/1 Width
tFPW8
122-
122
122+
ns
3
ST_FPo0/1 Output Delay from Falling edge
of ST_FPo0/1 to falling edge of ST_CKo0/1
tFODF8
61-
∆/2
61+
∆/2
ns
4
ST_FPo0/1 Output Delay from Falling edge
of ST_CKo0-1 to rising edge of ST_FPo0/1
tFODR8
61-
∆/2
61+
∆/2
ns
5
ST_CKo0/1 Clock Period
tCP8
122-
122
122+
ns
6
ST_CKo0/1 Clock Pulse Width High
tCh8
61-
∆/2
61+
∆/2
ns
7
ST_CKo0/1 Clock Pulse Width Low
tCL8
61-
∆/2
61+
∆/2
ns
8
ST_CKo0/1 Clock Rise/Fall Time
trC8o,
tfC8o
14
ns
tFPW8
tFODR8
tFODF8
tCH8
tCL8
tCP8
tfC8o
trC8o
tLFBOS
Backplane Frame Boundary
ST_FPo0/1
ST_CKo0/1
(8.192 MHz)
Local Output Frame Boundary


Numéro de pièce similaire - MT90866

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
MT90866AG MITEL-MT90866AG Datasheet
34Kb / 6P
   WAN Access Switch
MT90866AL MITEL-MT90866AL Datasheet
34Kb / 6P
   WAN Access Switch
More results

Description similaire - MT90866

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
ZL50030 ZARLINK-ZL50030 Datasheet
681Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50030 ZARLINK-ZL50030_06 Datasheet
675Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50031 ZARLINK-ZL50031 Datasheet
765Kb / 74P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 2 K x 2 K Local Switch
MT90870 ZARLINK-MT90870 Datasheet
2Mb / 86P
   Flexible 12 k Digital Switch (F12kDX)
ZL50023 ZARLINK-ZL50023_06 Datasheet
612Kb / 83P
   Enhanced 4 K Digital Switch
ZL50023 ZARLINK-ZL50023 Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
logo
Cypress Semiconductor
CYDMX256A16 CYPRESS-CYDMX256A16 Datasheet
691Kb / 25P
   16 K/8 K/4 K x 16 MoBL ADM 16 K/8 K/4 K x 16 MoBL ADM High speed access
logo
Zarlink Semiconductor I...
ZL50017_0611 ZARLINK-ZL50017_0611 Datasheet
498Kb / 51P
   1 K Digital Switch
ZL50017 ZARLINK-ZL50017 Datasheet
500Kb / 51P
   1 K Digital Switch
ZL50074 ZARLINK-ZL50074 Datasheet
570Kb / 61P
   32 K x 32 K Channel TDM Switch with 128 Input and 128 Output Streams
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com