Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6100160 Fiches technique(PDF) 9 Page - Semikron International

No de pièce L6100160
Description  EVALUATION BOARD 4S SKYPER 32
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMIKRON [Semikron International]
Site Internet  http://www.semikron.com
Logo SEMIKRON - Semikron International

L6100160 Fiches technique(HTML) 9 Page - Semikron International

  L6100160 Datasheet HTML 1Page - Semikron International L6100160 Datasheet HTML 2Page - Semikron International L6100160 Datasheet HTML 3Page - Semikron International L6100160 Datasheet HTML 4Page - Semikron International L6100160 Datasheet HTML 5Page - Semikron International L6100160 Datasheet HTML 6Page - Semikron International L6100160 Datasheet HTML 7Page - Semikron International L6100160 Datasheet HTML 8Page - Semikron International L6100160 Datasheet HTML 9Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Board 4s SKYPER™ 32 - Technical Explanations
9 / 9
2005-06-08 – Rev02
© by SEMIKRON
Layouts
Primary & Secondary Layer
Parts List
Parts List Evaluation Board
Count
Ref. Designator
Value
Pattern Name
Description
4
C151, C153, C251, C253
4,7µF
1210 (SMD)
Capacitor X7R
4
C152, C154, C252, C254
2,2µF
1210 (SMD)
Capacitor X7R
4
C20, C21, C22, C23
1nF
0805 (SMD)
Capacitor X7R
1
C27
220uF/35V
SMD
Longlife-Elko
1
R10
0,00Ohm
MiniMelf (SMD)
3
R11, R161, R261
10,0KOhm
MiniMelf (SMD)
1%
2
V150, V250
BY203/20S
High Voltage Diode
1
V20
SMBJ15A
DO215AA (SMD)
Suppressor Diode
3
X10, X100, X200
RM2,54 10p.
SMD
Box Connector
1
X20
14p.
SMD
Connector
TP: Test Point
Box Connector: SUYIN 254100FA010G200ZU


Numéro de pièce similaire - L6100160

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
L6100161 SEMIKRON-L6100161 Datasheet
459Kb / 12P
   Board 4s SKYPER 32 R
More results

Description similaire - L6100160

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
L6100260 SEMIKRON-L6100260 Datasheet
500Kb / 12P
   EVALUATION BOARD 4S SKYPER 32PRO
L6100161 SEMIKRON-L6100161 Datasheet
459Kb / 12P
   Board 4s SKYPER 32 R
L6100150 SEMIKRON-L6100150 Datasheet
338Kb / 9P
   EVALUATION BOARD 3S SKYPER 32
L6100261 SEMIKRON-L6100261 Datasheet
725Kb / 14P
   Board 4s SKYPER 32PRO R
L6100230 SEMIKRON-L6100230 Datasheet
1Mb / 13P
   EVALUATION BOARD 1 SKYPER 32PRO
L6100240 SEMIKRON-L6100240 Datasheet
482Kb / 11P
   EVALUATION BOARD 2S SKYPER 32PRO
L6100250 SEMIKRON-L6100250 Datasheet
490Kb / 12P
   EVALUATION BOARD 3S SKYPER 32PRO
L6100141 SEMIKRON-L6100141 Datasheet
494Kb / 12P
   Board 2s SKYPER 32 R
L6100151 SEMIKRON-L6100151 Datasheet
620Kb / 12P
   Board 3s SKYPER 32 R
L6100131 SEMIKRON-L6100131 Datasheet
256Kb / 7P
   Board 1 SKYPER 32 R
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com