Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AOB10N60L Fiches technique(PDF) 4 Page - VBsemi Electronics Co.,Ltd

No de pièce AOB10N60L
Description  N-Channel 650V (D-S)Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VBSEMI [VBsemi Electronics Co.,Ltd]
Site Internet  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AOB10N60L Fiches technique(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  AOB10N60L Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AOB10N60L Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AOB10N60L Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AOB10N60L Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AOB10N60L Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AOB10N60L Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AOB10N60L Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AOB10N60L Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AOB10N60L Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10 - Temperature vs. Drain-to-Source Voltage
Fig. 11 - Normalized Thermal Transient Impedance, Junction-to-Case
VSD, Source-Drain Voltage (V)
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
T
J = 150 °C
T
J = 25 °C
V
GS = 0 V
1
10
100
1000
0.01
0.1
1
10
100
1000
VDS- Drain -to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
1 ms
10 ms
100 μs
Operation in this Area
Limited by R
DS(on)
TC = 25 °C
TJ = 150 °C
Single Pulse
BVDSS Limited
I
DM = Limited
TJ, Case Temperature (°C)
5
10
15
20
25
50
75
100
125
150
0
TJ, Junction Temperature (°C)
- 60
0
160
- 40 - 20
20
40
60
80 100 120 140
600
625
650
675
700
725
750
775
800
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
Pulse Time (s)
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOB10N60L
4


Numéro de pièce similaire - AOB10N60L

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AOB10N60 AOSMD-AOB10N60 Datasheet
264Kb / 6P
   600V,10A N-Channel MOSFET
logo
Inchange Semiconductor ...
AOB10N60 ISC-AOB10N60 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOB10N60 VBSEMI-AOB10N60 Datasheet
1Mb / 10P
   N-Channel 650V (D-S)Power MOSFET
More results

Description similaire - AOB10N60L

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
9NC60 VBSEMI-9NC60 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
AP10N70P-A VBSEMI-AP10N70P-A Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
STF6N60M2 VBSEMI-STF6N60M2 Datasheet
1Mb / 11P
   N-Channel 650V (D-S) Power MOSFET
2SK2645 VBSEMI-2SK2645 Datasheet
1Mb / 11P
   N-Channel 650V (D-S) Power MOSFET
AOT10N60 VBSEMI-AOT10N60 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
4N60KL-TM3-T VBSEMI-4N60KL-TM3-T Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
6N65G-TA3-T VBSEMI-6N65G-TA3-T Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
AM9N65P VBSEMI-AM9N65P Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
NDD02N60Z-1G VBSEMI-NDD02N60Z-1G Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
NDD04N50Z-1G VBSEMI-NDD04N50Z-1G Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
02N60S5 VBSEMI-02N60S5 Datasheet
1Mb / 8P
   N-Channel 650V (D-S) Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com