Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RJF36080CU63AE1 Datasheet(Fiches technique) 1 Page - Schneider Electric

Numéro de pièce RJF36080CU63AE1
Description  POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RJF36080CU63AE1 Datasheet(HTML) 1 Page - Schneider Electric

  RJF36080CU63AE1 Datasheet HTML 1Page - Schneider Electric RJF36080CU63AE1 Datenblatt HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
RJF36080CU63AE1
POWERPACT R-FRAME, MOLDED CASE
CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
Main
Product or component type
Circuit breaker
Range of product
PowerPact R
Current sensor rating range
800 A
Trip unit technology
Electronic, power, Micrologic 5.0 P, LSI
Complementary
[Ie] rated operational current
800 A
[Ue] rated operational voltage
600 V AC
Mounting mode
Unit mount
Poles description
3P
Breaking capacity
100 kA 240 V AC
65 kA 480 V AC
25 kA 600 V AC
Breaking capacity code
J
Continuous current rating
100 %
Electrical connection
Busbar connection line
Busbar connection load
Height
16.24 in (412.50 mm)
Width
16.53 in (419.86 mm)
Depth
14.49 in (368.05 mm)
Communication interface
Modbus
Tightening torque
601.85 lbf.in (68 N.m) 0.08…0.62 in² (50…400 mm²) AWG 1/0...750 kcmil)
601.85 lbf.in (68 N.m) 0.08…0.23 in² (50…150 mm²) AWG 1/0...300 kcmil)
Environment
Product certifications
IEC
UL Listed
CSA
 
Nov 12, 2020
1


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn