Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PKC16BB Datasheet(Fiches technique) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Numéro de pièce PKC16BB
Description  N-Channel Enhancement Mode MOSFET
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Site Internet  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PKC16BB Datasheet(HTML) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PKC16BB Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC16BB Datenblatt HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC16BB Datenblatt HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC16BB Datenblatt HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC16BB Datenblatt HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC16BB Datenblatt HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC16BB Datenblatt HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC16BB Datenblatt HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PKC16BB
N-Channel Enhancement Mode MOSFET
PRODUCT SUMMARY
V(BR)DSS
100% UIS Tested
100% Rg Tested
PDFN 5X6P
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
THERMAL RESISTANCE RATINGS
UNITS
1Pulse width limited by maximum junction temperature.
2The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C.
3The Power dissipation is based on Rq
JA t ≦10s value.
Pulsed Drain Current
1
W
VGS
Gate-Source Voltage
°C
-55 to 150
TJ, Tstg
PD
A
V
3.8
°C / W
32
51
±20
SYMBOL
Operating Junction & Storage Temperature Range
SYMBOL
30
IAS
24.7
RqJC
TC = 25 °C
UNITS
120
32
TYPICAL
VDS
30
V
ID
LIMITS
30.5
Avalanche Energy
L =0.1mH
RDS(ON)
Drain-Source Voltage
7mΩ @V
GS = 10V
51A
ID
TC = 25 °C
TA = 70 °C
30V
Continuous Drain Current
TC = 100 °C
PARAMETERS/TEST CONDITIONS
THERMAL RESISTANCE
TC = 100 °C
Power Dissipation
IDM
2.6
Junction-to-Ambient
2
t ≦10s
Junction-to-Ambient
2
Continuous Drain Current
TA = 25 °C
mJ
13
RqJA
PD
W
ID
Avalanche Current
EAS
MAXIMUM
18
TA= 70 °C
14
Power Dissipation
3
TA = 25 °C
4.1
Steady-State
Junction-to-Case
Steady-State
RqJA
54
REV 1.0
1
2017/1/13


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn