Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCF8104 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TPCF8104
Description  TOSHIBA FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOS4)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8104 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TPCF8104 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8104 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8104 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TOSHIBA
TPCF8104
TOSHIBA FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U−MOSⅣ)
TPCF8104
TPCF8104
TPCF8104
TPCF8104
NOTE
BOOK
PC
APPLICATIONS
PORTABLE
EQUIPMENTS
APPLICATIONS
UNIT:mm
Low Drain - Source ON Resistance:RDS(ON)=26mΩ(Typ.)
・High Forward Transfer Admittance:│Yfs│= S(Typ.)
・Low Leakage Current:IDSS=-10μA(Max.) (VDS=-30V)
・Enhancement - Mode:Vth=-0.8 ∼ -2.0V(VDS=-10V,I=-1mA)
MAXIMUM RATINGS(Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain - Source Voltage
DSS
-30
Drain - Gate Voltage
(RGS=20kΩ)
DGR
-30
Gate - Source Voltage
GSS
±20
DC (Note1)
-6
Drain Current
Pulse (Note1)
DP
-24
Drain
Power
Dissipation
(t=5s)
(Note2a)
2.5
Drain
Power
Dissipation
(t=5s)
(Note2b)
0.7
Single Pulse Avalanche Energy(Note3)
AS
5.9
mJ
Avalanche Current
AR
3
Repetitive Avalanche Energy (Note4)
AR
0.25
mJ
Channel Temperature
ch
150
Storage Temperature Range
stg
−55∼150
THERMAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL
MAX.
UNIT
Thermal Resistance, Channel to
Ambient (t=5s) (Note2a)
th(ch−a)
50.0 ℃/W
Thermal Resistance, Channel to
Ambient (t=5s) (Note2b)
th(ch−a)
178.6 ℃/W
Note1, Note2, Note3, Note4, Note5 Please see next page.
THIS TRANSISTOR IS AN ELECTROSTATIC SENSITIVE DEVICE.
PLEASE HANDLE WITH CAUTION.
Tentative
Tentative
Tentative
Tentative
JEDEC
JEITA
TOSHIBA
1. Drain
2. Drain
3. Gat
4. Source
5. Drain
6 Drain
0.05
2.9
±0.2
0.3
±0.1
0.95
0.25 -0.15
+0.25
1
4
3
6
0.95
1:DRAIN
5:SOURCE
2:DRAIN
6:DRAIN
3:DRAIN
7:DRAIN
4:GATE
8:DRAIN
2.9±0.1
0.3
+0.1 /−
005
0.65
0.8±0.05
1111
4444
5555
8888
0.475
0.025 M A
A
S
0.05 S
Circuit
Configuration
1
2
3
4
8
7
6
5


Numéro de pièce similaire - TPCF8104

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCF8104 TOSHIBA-TPCF8104 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
More results

Description similaire - TPCF8104

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8103 TOSHIBA-TPCA8103 Datasheet
254Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS4)
TPC6108 TOSHIBA-TPC6108 Datasheet
62Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS4)
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
2SK3761 TOSHIBA-2SK3761 Datasheet
89Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com