Moteur de recherche de fiches techniques de composants électroniques |
|
STB135N10 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
STB135N10 Fiches technique(HTML) 1 Page - STMicroelectronics |
1 / 8 page 1/8 TARGET DATA July 2003 This is preliminary information on a new product forseen to be developped. Details are subject to change without notice STB135N10 STP135N10 N-CHANNEL 100V - 0.007 Ω - 135A D²PAK/TO-220 LOW GATE CHARGE STripFET™ POWER MOSFET s TYPICAL RDS(on) = 0.007Ω s EXCEPTIONAL dv/dt CAPABILITY s 100% AVALANCHE TESTED s SURFACE-MOUNTING D2PAK (TO-263) POWER PACKAGE IN TUBE (NO SUFFIX) OR IN TAPE & REEL (SUFFIX “T4”) DESCRIPTION This MOSFET is the result of STMicroelectronics’s well established and consolidated STripFET technology utiliz- ing the most recent layout optimization. The device exhib- its extremely low on-resistance, gate charge and diode’s reverse recovery charge Qrr making it the ideal switch in a very large spectrum of applications such as Automotive, Consumer, Telecom and Industrial. APPLICATIONS s PRIMARY SWITCH IN TELECOM DC-DC CONVERTER s HIGH-EFFICIENCY DC-DC CONVERTERS s 42V AUTOMOTIVE APPLICATIONS s SYNCHRONOUS RECTIFICATION s DIESEL INJECTION s PWM UPS AND MOTOR CONTROL TYPE VDSS RDS(on) ID STB135N10 STP135N10 100 V 100 V <0.009 Ω <0.009 Ω 135 A(*) 135 A(*) INTERNAL SCHEMATIC DIAGRAM ABSOLUTE MAXIMUM RATINGS (1) Pulse width limited by safe operating area. (*) Value limited by wire bonding (2) ISD ≤ 40A, di/dt ≤ 600A/µs, VDD ≤BVDSS, Tj ≤ TJMAX. (3) Starting Tj = 25 oC, ID = 40A, VDD = 50V Symbol Parameter Value Unit VDS Drain-source Voltage (VGS = 0) 100 V VDGR Drain-gate Voltage (RGS = 20 kΩ) 100 V VGS Gate- source Voltage ± 20 V ID(*) Drain Current (continuous) at TC = 25°C 135 A ID Drain Current (continuous) at TC = 100°C 96 A IDM(1) Drain Current (pulsed) 540 A Ptot Total Dissipation at TC = 25°C 150 W Derating Factor 1 W/°C dv/dt (2) Peak Diode Recovery voltage slope TBD V/ns EAS (3) Single Pulse Avalanche Energy TBD mJ Tstg Storage Temperature -55 to 175 °C Tj Operating Junction Temperature 1 2 3 TO-220 1 3 D2PAK TO-263 (Suffix “T4”) |
Numéro de pièce similaire - STB135N10 |
|
Description similaire - STB135N10 |