Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB12U5 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce SB12U5
Description  1 and 2 Watt SB Series DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SB12U5 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  SB12U5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SB12U5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SB12U5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SB12U5 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Reliability Incorporated
Mechanical Specification & Pin Connections (dimensions in inches)
.770"
.400"
.240"
12
4 5 6
.100"
.020"
.010"
SECTION A-A
(SCALE: NONE)
.770"
.400"
.320"
12
4 5 6
.100"
.770"
.400"
.240"
12
4
6
.100"
.020"
.010"
SECTION A-A
(SCALE: NONE)
.770"
.400"
.320"
12
4
6
.100"
A
A
.20" MIN.
.20" MIN.
.10"
.10"
.08"
.08"
Tolerances: .XX ± 0.020" .XXX ± 0.010"
Style 1D
Style 2D
SB5U5-5
SB12U5-5
SB24U5-5
2SB5U9-9
SB5U12-12
SB12U12-12
SB24U12-12
2SB12U9-9
SB5U15-15
SB24U15-15
2SB24U5-5
SB48U5-5
2SB24U9-9
SB48U12-12
2SB48U9-9
SB48U15-15
2SB12U12-12
Mechanical Specification & Pin Connections (dimensions in inches)
.770"
.400"
.240"
12
4
6
.100"
.020"
.010"
SECTION A-A
(SCALE: NONE)
.770"
.400"
.320"
12
4
6
.100"
A
A
.20" MIN.
.20" MIN.
.10"
.10"
.08"
.08"
Style 1S
Style 2S
SB5U5
SB12U5
SB24U5
SB48U5
2SB12U5
SB5U12 SB12U12
SB24U12
SB48U12
2SB12U9
SB5U15 SB12U15
SB24U15
SB48U15
2SB24U15
SB24U20
2SB48U9
SB Series.doc 5/21/2004


Numéro de pièce similaire - SB12U5

FabricantNo de pièceFiches techniqueDescription
logo
Gulf Semiconductor
SB12 GULFSEMI-SB12 Datasheet
207Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
logo
EIC discrete Semiconduc...
SB120 EIC-SB120 Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB120 VISHAY-SB120 Datasheet
74Kb / 4P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
logo
Diotec Semiconductor
SB120 DIOTEC-SB120 Datasheet
163Kb / 2P
   Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
SB120 SUNMATE-SB120 Datasheet
134Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
More results

Description similaire - SB12U5

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
S5R5 ETC1-S5R5 Datasheet
372Kb / 3P
   1 AND 2 WATT DC/DC CONVERTERS
logo
Intronics Power, Inc.
DC200 INTRONICS-DC200 Datasheet
284Kb / 1P
   1 and 2 WATT DUAL OUTPUT DC-DC CONVERTERS
logo
Volgen Kaga Electronics...
MSV-0505 VOLGEN-MSV-0505 Datasheet
276Kb / 3P
   1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
CHB300-300S CINCON-CHB300-300S Datasheet
217Kb / 2P
   300 WATT 2:1 INPUT DC-DC CONVERTERS
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
   10 WATT 2:1 INPUT DC-DC CONVERTERS
CFB750-300 CINCON-CFB750-300 Datasheet
317Kb / 2P
   750 WATT 2:1 INPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com