Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KB2500SGD Fiches technique(PDF) 3 Page - Kingbright Corporation

No de pièce KB2500SGD
Description  8.89mmx3.81mm LED LIGHT BAR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB2500SGD Fiches technique(HTML) 3 Page - Kingbright Corporation

  KB2500SGD Datasheet HTML 1Page - Kingbright Corporation KB2500SGD Datasheet HTML 2Page - Kingbright Corporation KB2500SGD Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPEC NO: DSAA4477
REV NO: V.4
DATE: APR/21/2005
PAGE: 3 OF 3
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: Y.W.WANG
ERP:1334000109
Super Bright Green
KB2500SGD
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical
accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
KB2620EW 8.89mmx3.81mm LED LIGHT BAR 1  2  3  Kingbright Corporation
BA-2R2UW LED LIGHT BAR & BAR GRAPH ARRAYS 1  2  Yellow Stone Corp
BA-10R1UD LED LIGHT BAR & BAR GRAPH ARRAYS 1  2  List of Unclassifed Manufacturers
KB2655EW 8.89mmx8.89mm LED LIGHT BAR 1  2  3  Kingbright Corporation
MU04-2101 SUPER BRIGHT LED LIGHT BAR MODULE 1  2  3  4  List of Unclassifed Manufacturers
KB-B100SRW 19.05mmx3.81mm LED LIGHT BAR 1  2  3  Kingbright Corporation
KB2685EW 8.89mmx19.05mm LED LIGHT BAR 1  2  3  Kingbright Corporation
MGB81C ROUND RECTANGULAR BAR LED LAMP 1  Micro Electronics
MSB75TA-1 1.9mm x 3.1mm RECTANGULAR BAR LED LAMP 1  Micro Electronics
KB-2965EGW-B 8.89mmx8.89mm LIGHT BAR 1  2  3  4  Kingbright Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn