Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1011-18IO1 Fiches technique(PDF) 1 Page - IXYS Corporation

No de pièce CS1011-18IO1
Description  Phase Control Thyristors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS1011-18IO1 Fiches technique(HTML) 1 Page - IXYS Corporation

  CS1011-18IO1 Datasheet HTML 1Page - IXYS Corporation CS1011-18IO1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IXYS Semiconductor GmbH
Edisonstr. 15, D-68623 Lampertheim, Germany
Phone: +49-6206-5030 Fax: +49-6206-503627
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: (408) 982-0700 Fax: 408-496-0670
©1996 IXYS Corporation. All rights reserved.
Features
q
GgƒÌhvwtÌetÌqhsdeÌduxdsbƒ
q
6swdÌs`whts`qvw`sc`ÌcË`bp`fd
q
9tsfwdÌrvw`ahqhwƒteaqtbphsf
ytqw`fdv
q
4`wd`sc`x‚hqh`̃b`wgtcdËhs
btssdbwhts
q
rËqheƒhsff`wd
Typical Applications
q
10@twtÌbtswÌtq
q
CtdÌbtsydÌwdÌ
q
0ËtdÌbtswÌtqqdÌ
P
h
a
s
e
C
o
n
t
r
o
l
T
h
y
r
i
s
t
o
r
P
h
a
s
e
C
o
n
t
r
o
l
T
h
y
r
i
s
t
o
r
P
h
a
s
e
C
o
n
t
r
o
l
T
h
y
r
i
s
t
o
r
P
h
a
s
e
C
o
n
t
r
o
l
T
h
y
r
i
s
t
o
r
P
h
a
s
e
C
o
n
t
r
o
l
T
h
y
r
i
s
t
o
r
C
SC
SC
SC
SC
S
1
0
1
1
1
0
1
1
1
0
1
1
1
0
1
1
1
0
1
1 IIIII
TRMS
= 2300 A
I
TAVM
= 1000 A
V
RRM
= 1800 - 2500
V
Symbol
Test Conditions
Maximum Ratings
I
TRMS
2300
A
I
TAVM
T
C = 82°C; 180° sine
1000
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
19800
A
V
R = 0
t = 8.3 ms (60 Hz), sine
21000
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
18000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
20000
A
∫∫∫∫∫i2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
1960000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
1830000
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1620000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
1660000
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 2500 A
320
A/
µs
f = 5 Hz, t
P =200 ms
V
D = 1/2 VDRM
I
G = 2 A
di
G/dt = 2 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/
µs
R
GK = ∞; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30
µs
120
W
I
T = ITAVM
t
P =
500
µs60
W
t
P =
10 ms
16
W
V
RGM
5V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+ 50
°C
M
d
Mounting force
24 ... 28
kN
Weight
600
g
1
2
4
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
1800
1800
CS 1011 - 18io1
2200
2200
CS 1011 - 22io1
2500
2500
CS 1011 - 25io1
3
3
4
1
2
Data according to DIN/IEC 747-6
IXYS reserves the right to change limits, test conditions and dimensions


Numéro de pièce similaire - CS1011-18IO1

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
CS101 FUJITSU-CS101 Datasheet
102Kb / 8P
   Standard Cell
CS101 FUJITSU-CS101 Datasheet
88Kb / 12P
   Standard Cell
logo
SynQor Worldwide Headqu...
CS101 SYNQOR-CS101 Datasheet
2Mb / 9P
   All capacitors are X7R multi-layer ceramic
logo
Lumileds Lighting Compa...
CS101 LUMILEDS-CS101 Datasheet
2Mb / 3P
   New Rijksmuseum is largest gallery space ever lit by LEDs
logo
Chip Integration Techno...
CS10100CT-A CITC-CS10100CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

Description similaire - CS1011-18IO1

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com