Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-2400 Fiches technique(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HLMP-2400 Fiches technique(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 16 page LED Light Bars Technical Data Features • Large Bright, Uniform Light Emitting Areas • Choice of Colors • Categorized for Light Output • Yellow and Green Categorized for Dominant Wavelength • Excellent ON-OFF Contrast • X-Y Stackable • Flush Mountable • Can be Used with Panel and Legend Mounts • Light Emitting Surface Suitable for Legend Attachment per Application Note 1012 • HLCP-X100 Series Designed for Low Current Operation • Bicolor Devices Available Applications • Business Machine Message Annunciators • Telecommunications Indicators • Front Panel Process Status Indicators • PC Board Identifiers • Bar Graphs Description The HLCP-X100 and HLMP-2XXX series light bars are rectangular light sources designed for a variety of applications where a large bright source of light is required. These light bars are configured in single-in-line and dual-in-line packages that contain either single or segmented light emitting areas. The AlGaAs Red HLCP-X100 series LEDs use double heterojunction AlGaAs on a GaAs substrate. The HER HLMP-2300/2600 and Yellow HLMP-2400/2700 series LEDs have their p-n junctions diffused into a GaAsP epitaxial layer on a GaP substrate. The Green HLMP- 2500/2800 series LEDs use a liquid phase GaP epitaxial layer on a GaP substrate. The bicolor HLMP-2900 series use a combination of HER/Yellow or HER/Green LEDs. HLCP-A100, -B100, -C100, -D100, -E100, -F100, -G100, -H100 HLMP-2300, -2350, -2400, -2450, -2500, -2550, -2600, -2620, -2635, -2655, -2670, -2685, -2700, -2720, -2735, -2755, -2770, -2785, -2800, -2820, -2835, -2855, -2870, -2885, -2950, -2965 |
Numéro de pièce similaire - HLMP-2400 |
|
Description similaire - HLMP-2400 |