Moteur de recherche de fiches techniques de composants électroniques |
|
NCP5322A Fiches technique(PDF) 4 Page - ON Semiconductor |
|
NCP5322A Fiches technique(HTML) 4 Page - ON Semiconductor |
4 / 32 page NCP5322A http://onsemi.com 4 MAXIMUM RATINGS* Rating Value Unit Operating Junction Temperature 150 °C Lead Temperature Soldering: Reflow: (SMD styles only) (Note 1) 230 peak °C Package Thermal Resistance: Junction–to–Case, RθJC Junction–to–Ambient, RθJA 15 75 °C/W °C/W Storage Temperature Range –65 to +150 °C ESD Susceptibility (Human Body Model) 2.0 kV JEDEC Moisture Sensitivity Level 2 – 1. 60 second maximum above 183 °C. *The maximum package power dissipation must be observed. MAXIMUM RATINGS Pin Name VMAX VMIN ISOURCE ISINK COMP 6.0 V –0.3 V 1.0 mA 1.0 mA VFB 6.0 V –0.3 V 1.0 mA 1.0 mA VDRP 6.0 V –0.3 V 1.0 mA 1.0 mA CS1, CS2 6.0 V –0.3 V 1.0 mA 1.0 mA CSREF 6.0 V –0.3 V 1.0 mA 1.0 mA ROSC 6.0 V –0.3 V 1.0 mA 1.0 mA PWRGD 6.0 V –0.3 V 1.0 mA 8.0 mA VID Pins 6.0 V –0.3 V 1.0 mA 1.0 mA ILIM 6.0 V –0.3 V 1.0 mA 1.0 mA REF 6.0 V –0.3 V 1.0 mA 20 mA SS 6.0 V –0.3 V 1.0 mA 1.0 mA VCCL 16 V –0.3 V N/A 50 mA VCCHx 20 V –0.3 V N/A 1.5 A for 1.0 µs, 200 mA DC VCCLx 16 V –0.3 V N/A 1.5 A for 1.0 µs, 200 mA DC GATE(H)x 20 V –2.0 V for 100 ns, –0.3 V DC 1.5 A for 1.0 µs, 200 mA DC 1.5 A for 1.0 µs, 200 mA DC GATE(L)x 16 V –2.0 V for 100 ns, –0.3 V DC 1.5 A for 1.0 µs, 200 mA DC 1.5 A for 1.0 µs, 200 mA DC GND1, GND2 0.3 V –0.3 V 2.0 A for 1.0 µs, 200 mA DC N/A LGND 0 V 0 V 50 mA N/A |
Numéro de pièce similaire - NCP5322A |
|
Description similaire - NCP5322A |