Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FDD03-05D2 Datasheet(Fiches technique) 1 Page - List of Unclassifed Manufacturers

Numéro de pièce FDD03-05D2
Description  DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

FDD03-05D2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FDD03-05D2 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDD03-05D2 Datenblatt HTML 2Page - List of Unclassifed Manufacturers FDD03-05D2 Datenblatt HTML 3Page - List of Unclassifed Manufacturers FDD03-05D2 Datenblatt HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.chinfa.com
FDD03 SERIES
DC - DC CONVERTER
2 ~ 3W SINGLE & DUAL OUTPUT
FEATURES
LOW COST
4:1 & 3:1 & 2:1 WIDE INPUT RANGE
I/O ISOLATION
SHORT CIRCUIT PROTECTION
HIGH EFFICIENCY UP TO 73%
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(min.)
Single Output Models
FDD03 - 05S
FDD03 - 12S
FDD03 - 15S
FDD03 - 05S1
FDD03 - 12S1
FDD03 - 15S1
FDD03 - 05S2
FDD03 - 12S2
FDD03 - 15S2
FDD03 - 05S3
FDD03 - 12S3
FDD03 - 15S3
FDD03 - 05S4
FDD03 - 12S4
FDD03 - 15S4
FDD03 - 05S5
FDD03 - 12S5
FDD03 - 15S5
20~60 VDC
20~60 VDC
20~60 VDC
9~18 VDC
9~18 VDC
9~18 VDC
18~36 VDC
18~36 VDC
18~36 VDC
36~72 VDC
36~72 VDC
36~72 VDC
9~36 VDC
9~36 VDC
9~36 VDC
18~72 VDC
18~72 VDC
18~72 VDC
2.5 WATTS
3
WATTS
3
WATTS
2
WATTS
2.4 WATTS
2.2 WATTS
2.5 WATTS
3
WATTS
3
WATTS
2.5 WATTS
3
WATTS
3
WATTS
2.5 WATTS
3
WATTS
3
WATTS
2.5 WATTS
3
WATTS
3
WATTS
+ 5 VDC
+ 12 VDC
+ 15 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
500 mA
250 mA
200 mA
400 mA
200 mA
150 mA
500 mA
250 mA
200 mA
500 mA
250 mA
200 mA
500 mA
250 mA
200 mA
500 mA
250 mA
200 mA
68%
70%
70%
63%
65%
65%
68%
70%
70%
68%
70%
70%
68%
70%
70%
68%
70%
70%
sales@chinfa.com


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn