Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD03-12D1 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce FDD03-12D1
Description  DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

FDD03-12D1 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  FDD03-12D1 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDD03-12D1 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDD03-12D1 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDD03-12D1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.chinfa.com
FDD03 SERIES
DC - DC CONVERTER
2 ~ 3W SINGLE & DUAL OUTPUT
FEATURES
LOW COST
4:1 & 3:1 & 2:1 WIDE INPUT RANGE
I/O ISOLATION
SHORT CIRCUIT PROTECTION
HIGH EFFICIENCY UP TO 73%
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(min.)
Single Output Models
FDD03 - 05S
FDD03 - 12S
FDD03 - 15S
FDD03 - 05S1
FDD03 - 12S1
FDD03 - 15S1
FDD03 - 05S2
FDD03 - 12S2
FDD03 - 15S2
FDD03 - 05S3
FDD03 - 12S3
FDD03 - 15S3
FDD03 - 05S4
FDD03 - 12S4
FDD03 - 15S4
FDD03 - 05S5
FDD03 - 12S5
FDD03 - 15S5
20~60 VDC
20~60 VDC
20~60 VDC
9~18 VDC
9~18 VDC
9~18 VDC
18~36 VDC
18~36 VDC
18~36 VDC
36~72 VDC
36~72 VDC
36~72 VDC
9~36 VDC
9~36 VDC
9~36 VDC
18~72 VDC
18~72 VDC
18~72 VDC
2.5 WATTS
3
WATTS
3
WATTS
2
WATTS
2.4 WATTS
2.2 WATTS
2.5 WATTS
3
WATTS
3
WATTS
2.5 WATTS
3
WATTS
3
WATTS
2.5 WATTS
3
WATTS
3
WATTS
2.5 WATTS
3
WATTS
3
WATTS
+ 5 VDC
+ 12 VDC
+ 15 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
500 mA
250 mA
200 mA
400 mA
200 mA
150 mA
500 mA
250 mA
200 mA
500 mA
250 mA
200 mA
500 mA
250 mA
200 mA
500 mA
250 mA
200 mA
68%
70%
70%
63%
65%
65%
68%
70%
70%
68%
70%
70%
68%
70%
70%
68%
70%
70%
sales@chinfa.com


Numéro de pièce similaire - FDD03-12D1

FabricantNo de pièceFiches techniqueDescription
logo
Chinfa Electronics Ind....
FDD03-12D1 CHINFA-FDD03-12D1 Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-12D1U CHINFA-FDD03-12D1U Datasheet
495Kb / 8P
   DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-12D1U CHINFA-FDD03-12D1U Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
More results

Description similaire - FDD03-12D1

FabricantNo de pièceFiches techniqueDescription
logo
Chinfa Electronics Ind....
FDD03U CHINFA-FDD03U Datasheet
495Kb / 8P
   DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
logo
MORNSUN Science& Techno...
WRB0503T-2W MORNSUN-WRB0503T-2W Datasheet
165Kb / 2P
   3W SINGLE OUTPUT DC/DC CONVERTER
logo
Superworld Electronics
SW3R24S03WF SUPERWORLD-SW3R24S03WF Datasheet
198Kb / 2P
   3W Wide Input Single & Dual Output DC-DC Converter
logo
Mean Well Enterprises C...
DCW03 MEANWELL-DCW03_11 Datasheet
211Kb / 1P
   3W DC-DC Regulated Dual Output Converter
SCW03 MEANWELL-SCW03_11 Datasheet
218Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPU03 MEANWELL-SPU03 Datasheet
54Kb / 1P
   3W DC-DC Unregulated Single Output Converter
DCW03 MEANWELL-DCW03 Datasheet
210Kb / 1P
   3W DC-DC Regulated Dual Output Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03 Datasheet
195Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03_11 Datasheet
197Kb / 1P
   3W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com