Moteur de recherche de fiches techniques de composants électroniques |
|
L64733C Fiches technique(PDF) 2 Page - LSI Computer Systems |
|
L64733C Fiches technique(HTML) 2 Page - LSI Computer Systems |
2 / 48 page 2 L64733/L64734 Tuner and Satellite Receiver Chipset Figure 2 L64733/34 Simplified Block Diagram The L64734: • generates control signals for the L64733 synthesizer, using frequency information programmed into the L64734 configuration registers • controls the programming of the low-pass filters on the L64733 • generates dual AGC control voltages for the two-stage automatic gain control on the L64733 IC. The L64733 Tuner IC directly down-converts the satellite signal from L-band to baseband. RF RF Input RF Output Select IOUT QOUT Dual ADC Demodulator Error Correction Descrambler Microcontroller Interface Microcontroller Host Control Modules for MPEG Output L64733 L64734 Control Signals Synthesizer, Baseband Filter Synthesizer and Filter Switch Mixer, Down- Converter |
Numéro de pièce similaire - L64733C |
|
Description similaire - L64733C |