Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PF0341A Fiches technique(PDF) 6 Page - Hitachi Semiconductor

No de pièce PF0341A
Description  MOS FET Power Amplifier Module for UHF Band
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0341A Fiches technique(HTML) 6 Page - Hitachi Semiconductor

Back Button PF0341A Datasheet HTML 2Page - Hitachi Semiconductor PF0341A Datasheet HTML 3Page - Hitachi Semiconductor PF0341A Datasheet HTML 4Page - Hitachi Semiconductor PF0341A Datasheet HTML 5Page - Hitachi Semiconductor PF0341A Datasheet HTML 6Page - Hitachi Semiconductor PF0341A Datasheet HTML 7Page - Hitachi Semiconductor PF0341A Datasheet HTML 8Page - Hitachi Semiconductor PF0341A Datasheet HTML 9Page - Hitachi Semiconductor PF0341A Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PF0341A Series
6
η
T
2
1.5
1
3.5
3
2.5
VPC
VSWRin
5
2
1
0
4
3
Frequency f (MHz)
VPC, ηT, VSWR (in) vs. Frequency
60
50
40
30
20
10
0
390
400
420
440
410
430
Pin = 20 mW
VDD = 9.6 V
Pout = 7 W
η
T
2
1.5
1
3.5
3
2.5
VSWRin
10
4
2
0
8
6
Frequency f (MHz)
Pout,
η
T, VSWR (in) vs. Frequency
60
50
40
30
20
10
0
390
400
420
440
410
430
Pin = 20 mW
VDD = 9.6 V
Pout = 7 W
VPC


Numéro de pièce similaire - PF0341A

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
PF0340A HITACHI-PF0340A Datasheet
37Kb / 9P
   MOS FET Power Amplifier Module
logo
KEC(Korea Electronics)
PF0347TE6 KEC-PF0347TE6 Datasheet
435Kb / 1P
   EMI Filtering TVS
More results

Description similaire - PF0341A

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
PF0313 HITACHI-PF0313 Datasheet
57Kb / 16P
   MOS FET Power Amplifier Module for VHF Band
PF0311 HITACHI-PF0311 Datasheet
42Kb / 11P
   MOS FET Power Amplifier Module for VHF Band
PF0310A HITACHI-PF0310A Datasheet
36Kb / 10P
   MOS FET Power Amplifier Module for VHF Band
logo
Toshiba Semiconductor
S-AU83L TOSHIBA-S-AU83L Datasheet
142Kb / 4P
   FM RF POWER AMPLIFIER MODULE for UHF BAND
S-AU82L TOSHIBA-S-AU82L Datasheet
143Kb / 4P
   FM RF POWER AMPLIFIER MODULE for UHF BAND
S-AU68L TOSHIBA-S-AU68L Datasheet
127Kb / 4P
   UHF BAND FM POWER AMPLIFIER MODULE
S-AU68M TOSHIBA-S-AU68M Datasheet
138Kb / 4P
   UHF BAND FM POWER AMPLIFIER MODULE
logo
Hitachi Semiconductor
PF0340A HITACHI-PF0340A Datasheet
37Kb / 9P
   MOS FET Power Amplifier Module
PF0031 HITACHI-PF0031 Datasheet
55Kb / 13P
   MOS FET Power Amplifier Module for Mobile Phone
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com