Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74GTLP1395DWRE4 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce SN74GTLP1395DWRE4
Description  TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP1395DWRE4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74GTLP1395DWRE4 Datasheet HTML 4Page - Texas Instruments SN74GTLP1395DWRE4 Datasheet HTML 5Page - Texas Instruments SN74GTLP1395DWRE4 Datasheet HTML 6Page - Texas Instruments SN74GTLP1395DWRE4 Datasheet HTML 7Page - Texas Instruments SN74GTLP1395DWRE4 Datasheet HTML 8Page - Texas Instruments SN74GTLP1395DWRE4 Datasheet HTML 9Page - Texas Instruments SN74GTLP1395DWRE4 Datasheet HTML 10Page - Texas Instruments SN74GTLP1395DWRE4 Datasheet HTML 11Page - Texas Instruments SN74GTLP1395DWRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SN74GTLP1395
TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SCES349C – JUNE 2001 – REVISED NOVEMBER 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, VTT = 1.5 V and VREF = 1 V for GTLP (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
EDGE RATE†
MIN
TYP‡
MAX
UNIT
tPLH
A
B
Slow
3.3
6.3
ns
tPHL
A
B
Slow
1.9
6
ns
tPLH
A
B
Fast
2.5
5.3
ns
tPHL
A
B
Fast
1.6
4.9
ns
tPLH
A
Y
Slow
3.4
9.7
ns
tPHL
A
Y
Slow
3.3
9.2
ns
tPLH
A
Y
Fast
2.9
8.7
ns
tPHL
A
Y
Fast
2.9
8.1
ns
tPLH
T/C
B
Slow
3.7
6.7
ns
tPHL
T/C
B
Slow
1.8
6.2
ns
tPLH
T/C
B
Fast
1.5
5.6
ns
tPHL
T/C
B
Fast
1.7
5.5
ns
ten
OEAB
B
Slow
3.8
6.4
ns
tdis
OEAB
B
Slow
1.9
6.1
ns
ten
OEAB
B
Fast
2.8
5.3
ns
tdis
OEAB
B
Fast
1.5
5
ns
t
Rise time B outputs (20% to 80%)
Slow
2.4
ns
tr
Rise time, B outputs (20% to 80%)
Fast
1.3
ns
tf
Fall time B outputs (80% to 20%)
Slow
3
ns
tf
Fall time, B outputs (80% to 20%)
Fast
2.7
ns
tPLH
B
Y
1.3
5.3
ns
tPHL
B
Y
1.4
4.5
ns
tPLH
T/C
Y
1
4.5
ns
tPHL
T/C
Y
1.1
4
ns
ten
OEBY
Y
1
4.5
ns
tdis
OEBY
Y
1
4.7
ns
† Slow (ERC = H) and Fast (ERC = L)
‡ All typical values are at VCC = 3.3 V, TA = 25°C.


Numéro de pièce similaire - SN74GTLP1395DWRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTLP1395DWRE4 TI1-SN74GTLP1395DWRE4 Datasheet
917Kb / 24P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
More results

Description similaire - SN74GTLP1395DWRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22034 TI-SN74GTLP22034 Datasheet
366Kb / 20P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2034 TI-SN74GTLP2034 Datasheet
435Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP1395PWRG4 TI1-SN74GTLP1395PWRG4 Datasheet
917Kb / 24P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com