Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D048C030T014M1N Fiches technique(PDF) 3 Page - Vicor Corporation

No de pièce D048C030T014M1N
Description  DC-DC Converters Quarter Brick, 48 Vin Family
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

D048C030T014M1N Fiches technique(HTML) 3 Page - Vicor Corporation

  D048C030T014M1N Datasheet HTML 1Page - Vicor Corporation D048C030T014M1N Datasheet HTML 2Page - Vicor Corporation D048C030T014M1N Datasheet HTML 3Page - Vicor Corporation D048C030T014M1N Datasheet HTML 4Page - Vicor Corporation D048C030T014M1N Datasheet HTML 5Page - Vicor Corporation D048C030T014M1N Datasheet HTML 6Page - Vicor Corporation D048C030T014M1N Datasheet HTML 7Page - Vicor Corporation D048C030T014M1N Datasheet HTML 8Page - Vicor Corporation D048C030T014M1N Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PRELIMINARY
Vicor Corporation
Tel: 800-735-6200
VICBrick DC-DC Converter
Rev. 1.5
Page 3 of 14
vicorpower.com
MECHANICAL DRAWINGS
57.9
2.28
36.8
1.45
(-)OUT
ON/OFF
(-)IN
(+)IN
(-)SENSE
TRIM
(+)SENSE
(+)OUT
TOP VIEW (COMPONENT SIDE)
6.8
0.27
SEATING PLANE
10.6
0.42
1.02
0.040
(6)PL.
1.52
0.060
(2)PL.
10.8
0.42
3.81
0.150
7.62
0.300
11.43
0.450
15.24
0.600
3.6
0.14
50.8
2.00
BOTTOM VIEW
ø
ø
NOTES:
1. DIMENSIONS ARE: mm/INCH.
2. UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE:
.X/.XX=
±0.5/0.02,
.XX/.XXX=
±0.25/0.010
57.9
2.28
36.8
1.45
(-)OUT
(-)OUT
ON/OFF
(-)IN
(+)IN
(-)SENSE
TRIM
(+)SENSE
(+)OUT
(+)OUT
TOP VIEW (COMPONENT SIDE)
6.8
0.27
SEATING PLANE
10.6
0.42
1.02
0.040
(6)PL.
1.52
0.060
(4)PL.
7.0
0.27
7.62
0.300
11.43
0.450
15.24
0.600
19.05
0.750
22.86
0.900
3.81
0.150
3.6
0.14
50.8
2.00
BOTTOM VIEW
ø
ø
NOTES:
1. DIMENSIONS ARE: mm/INCH.
2. UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE:
.X/.XX=
±0.5/0.02,
.XX/.XXX=
±0.25/0.010
Figure 1— Mechanical outline and PCB footprint information; single output pin version (package style 1)
Figure 2— Mechanical outline and PCB footprint information; dual output pin version (package style 2)
Specifications, continued


Numéro de pièce similaire - D048C030T014M1N

FabricantNo de pièceFiches techniqueDescription
logo
Powerbox
D048C030T014M1N POWERBOX-D048C030T014M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
More results

Description similaire - D048C030T014M1N

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
I048C030T015P2 VICOR-I048C030T015P2 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ_SERIES MURATA-HPQ_SERIES Datasheet
269Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com