Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

42LN5200 Fiches technique(PDF) 42 Page - LG Semicon Co.,Ltd.

No de pièce 42LN5200
Description  LG LED TV applies LCD screen with LED backlights.
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LG [LG Semicon Co.,Ltd.]
Site Internet  
Logo LG - LG Semicon Co.,Ltd.

42LN5200 Fiches technique(HTML) 42 Page - LG Semicon Co.,Ltd.

Back Button 42LN5200 Datasheet HTML 38Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 39Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 40Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 41Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 42Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 43Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 44Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 45Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 46Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
66
EXTERNAL CONTROL DEVICE SETUP
Transmission / Receiving Protocol
Transmission
[Command1][Command2][ ][Set ID][ ][Data][Cr]
[Command 1] : First command to control the TV. (j, k, m or x)
[Command 2] : Second command to control the TV.
[Set ID]
: You can adjust the [Set ID] to choose desired monitor ID number in option menu.
Adjustment range in TV is 1 to 99. If [Set ID] value is selected to ‘0’, every connected set
can be controlled.
* [Set ID] is indicated as decimal (1 to 99) on menu and as Hexadecimal (0x00 to 0x63) on
transmission/receiving protocol.
[DATA]
: To transmit command data (hexadecimal). Transmit ‘FF’ data to read status of command.
[Cr]
: Carriage Return - ASCII code ‘0x0D’
[ ]
: Space – ASCII code ‘0x20’
OK Acknowledgement
[Command2][ ][Set ID][ ][OK][Data][x]
* The set transmits ACK (acknowledgement) based on this format when receiving normal data. At this time,
if the data is data read mode, it indicates present status data. If the data is data write mode, it returns the
data of the PC computer.
Error Acknowledgement
[Command2][ ][Set ID][ ][NG][Data][x]
* The set transmits ACK (acknowledgement) based on this format when receiving abnormal data from non-
viable functions or communication errors.
Data 00: Illegal Code
Real data mapping (Hexadecimal b Decimal)
* When you enter the [data] in hexadecimal, refer to following conversion table.
* Channel Tune (ma) Command uses two-byte hexadecimal value([data]) to select channel number.
00 : Step 0
32 : Step 50 (Set ID 50)
FE : Step 254
01 : Step 1 (Set ID 1)
33 : Step 51 (Set ID 51)
FF : Step 255
...
...
...
0A : Step 10 (Set ID 10)
63 : Step 99 (Set ID 99)
01 00 : Step 256
...
...
...
0F : Step 15 (Set ID 15)
C7 : Step 199
27 0E : Step 9998
10 : Step 16 (Set ID 16)
C8 : Step 200
27 0F : Step 9999
...
...
...


Numéro de pièce similaire - 42LN5200

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
42LX196 TOSHIBA-42LX196 Datasheet
422Kb / 10P
   Service Material and Reference Tips
7/6/2007
42LZ196 TOSHIBA-42LZ196 Datasheet
422Kb / 10P
   Service Material and Reference Tips
7/6/2007
More results

Description similaire - 42LN5200

FabricantNo de pièceFiches techniqueDescription
logo
Monolithic Power System...
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
   White LED Driver for Large LCD TV Backlights
logo
List of Unclassifed Man...
BR02XXX ETC2-BR02XXX Datasheet
476Kb / 3P
   LED Backlights
logo
Fairchild Semiconductor
FCP190N65F FAIRCHILD-FCP190N65F Datasheet
1Mb / 9P
   LCD / LED / PDP TV
logo
Analog Devices
ADM8845 AD-ADM8845_15 Datasheet
321Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. C
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
   Charge Pump Driver for LCD White LED Backlights
Rev. D
ADM8845 AD-ADM8845 Datasheet
382Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. 0
logo
Banner Engineering Corp...
LEDIB70X70M BANNER-LEDIB70X70M Datasheet
162Kb / 3P
   LED..B..M Series Backlights
LEDIB70X70W BANNER-LEDIB70X70W Datasheet
159Kb / 3P
   LED..B..W Series Backlights
LED BANNER-LED Datasheet
355Kb / 5P
   LED Series Sealed Backlights
logo
LG Semicon Co.,Ltd.
47LV5500 LG-47LV5500 Datasheet
523Kb / 2P
   47" Class 1080p LED LCD TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com