Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM20SITLXEP Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM20SITLXEP
Description  Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM20SITLXEP Fiches technique(HTML) 6 Page - National Semiconductor (TI)

  LM20SITLXEP Datasheet HTML 1Page - National Semiconductor (TI) LM20SITLXEP Datasheet HTML 2Page - National Semiconductor (TI) LM20SITLXEP Datasheet HTML 3Page - National Semiconductor (TI) LM20SITLXEP Datasheet HTML 4Page - National Semiconductor (TI) LM20SITLXEP Datasheet HTML 5Page - National Semiconductor (TI) LM20SITLXEP Datasheet HTML 6Page - National Semiconductor (TI) LM20SITLXEP Datasheet HTML 7Page - National Semiconductor (TI) LM20SITLXEP Datasheet HTML 8Page - National Semiconductor (TI) LM20SITLXEP Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Mounting (Continued)
Capacitive Loads
The LM20EP handles capacitive loading well. Without any
precautions, the LM20EP can drive any capacitive load less
than 300 pF as shown in Figure 4. Over the specified tem-
perature range the LM20EP has a maximum output imped-
ance of 160
Ω. In an extremely noisy environment it may be
necessary to add some filtering to minimize noise pickup. It
is recommended that 0.1 µF be added from V
+ to GND to
bypass the power supply voltage, as shown in Figure 5.Ina
noisy environment it may even be necessary to add a ca-
pacitor from the output to ground with a series resistor as
shown in Figure 5. A 1 µF output capacitor with the 160
maximum output impedance and a 200
Ω series resistor will
form a 442 Hz lowpass filter. Since the thermal time constant
of the LM20EP is much slower, the overall response time of
the LM20EP will not be significantly affected.
SC70-5
SC70-5
no heat sink
small heat sink
θ
JA
T
J −TA
θ
JA
T
J −TA
(˚C/W)
(˚C)
(˚C/W)
(˚C)
Still air
412
0.2
350
0.19
SC70-5
SC70-5
no heat sink
small heat sink
θ
JA
T
J −TA
θ
JA
T
J −TA
(˚C/W)
(˚C)
(˚C/W)
(˚C)
Moving air
312
0.17
266
0.15
See Figure 1 for PCB layout samples.
micro SMD
micro SMD
no heat sink
small heat fin
θ
JA
T
J −TA
θ
JA
T
J −TA
(˚C/W)
(˚C)
(˚C/W)
(˚C)
Still air
340
0.18
TBD
TBD
micro SMD
micro SMD
no heat sink
small heat fin
θ
JA
T
J −TA
θ
JA
T
J −TA
(˚C/W)
(˚C)
(˚C/W)
(˚C)
Moving air
TBD
TBD
TBD
TBD
FIGURE 3. Temperature Rise of LM20EP Due to
Self-Heating and Thermal Resistance (
θ
JA)
20099915
FIGURE 4. LM20EP No Decoupling Required for
Capacitive Loads Less than 300 pF.
R(
Ω)
C (µF)
200
1
470
0.1
680
0.01
1 k
0.001
20099916
20099933
FIGURE 5. LM20EP with Filter for Noisy Environment and Capacitive Loading greater than 300 pF. Either placement
of resistor as shown above is just as effective.
www.national.com
6


Numéro de pièce similaire - LM20SITLXEP

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM20SITLX NSC-LM20SITLX Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20SITLX TI1-LM20SITLX Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LM20SITLX/NOPB TI1-LM20SITLX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
More results

Description similaire - LM20SITLXEP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM19 NSC-LM19 Datasheet
173Kb / 8P
   2.4V, 10uA, TO-92 Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com