Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LRL46600U54X Fiches technique(PDF) 2 Page - Schneider Electric

No de pièce LRL46600U54X
Description  Circuit breaker, PowerPact L, Micrologic 6.3E, 600A, 4 poles, 600 V, 100 kA, 80% rated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LRL46600U54X Fiches technique(HTML) 2 Page - Schneider Electric

  LRL46600U54X Datasheet HTML 1Page - Schneider Electric LRL46600U54X Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environment
Product certifications
CSA 22-2
CCC
IEC
CE
UL 489
NMX
NEMA
Ordering and shipping details
Category
01119-L HIGH INTERUPT UNIT MT BREAKER/SW
Discount Schedule
DE2
Package weight(Lbs)
15.00 lb(US) (6.804 kg)
Returnability
Yes
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
PVC free
Yes
Contractual warranty
Warranty
18 months
2


Numéro de pièce similaire - LRL46600U54X

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
LRL46600U53X SCHNEIDER-LRL46600U53X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 5.3E, 600A, 4 poles, 600 V, 100 kA, 80% rated
More results

Description similaire - LRL46600U54X

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
LRL36600U54X SCHNEIDER-LRL36600U54X Datasheet
115Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 6.3E, 600A, 3 poles, 600 V, 100 kA, 80% rated
LLL46600U54X SCHNEIDER-LLL46600U54X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 6.3E, 600A, 4 poles, 600 V, 50 kA, 80% rated
LDL46600U54X SCHNEIDER-LDL46600U54X Datasheet
67Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 6.3E, 600A, 4 poles, 600 V, 14 kA, 80% rated
LGL46600U54X SCHNEIDER-LGL46600U54X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 6.3E, 600A, 4 poles, 600 V, 18 kA, 80% rated
LJL46600U54X SCHNEIDER-LJL46600U54X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 6.3E, 600A, 4 poles, 600 V, 25 kA, 80% rated
LDL36600U54X SCHNEIDER-LDL36600U54X Datasheet
67Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 6.3E, 600A, 3 poles, 600 V, 14 kA, 80% rated
LJL36600U54X SCHNEIDER-LJL36600U54X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 6.3E, 600A, 3 poles, 600 V, 25 kA, 80% rated
LLL36600U54X SCHNEIDER-LLL36600U54X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 6.3E, 600A, 3 poles, 600 V, 50 kA, 80% rated
LGL36600U54X SCHNEIDER-LGL36600U54X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 6.3E, 600A, 3 poles, 600 V, 18 kA, 80% rated
LRL46400U54X SCHNEIDER-LRL46400U54X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 6.3E, 400A, 4 poles, 600 V, 100 kA, 80% rated
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com