Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I1820E-08TT Fiches technique(PDF) 3 Page - Alliance Semiconductor Corporation

No de pièce I1820E-08TT
Description  Low Power Mobile VGA EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I1820E-08TT Fiches technique(HTML) 3 Page - Alliance Semiconductor Corporation

  I1820E-08TT Datasheet HTML 1Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 2Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 3Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 4Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 5Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 6Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 7Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
®
Low Power Mobile VGA EMI Reduction IC
3 of 8
March 2003
P1818/19/20/21/22
Notice: The information in this document is subject to change without notice.
Input Frequency and Modulation Rate
Spread Deviation Selections
Part number
Input
frequency range
Output
frequency range
Modulation rate
P1818
10 MHz to 20 MHz
10 MHz to 20 MHz
Input frequency / 256
P1819
20 MHz to 40 MHz
20 MHz to 40 MHz
Input frequency / 512
P1820
40 MHz to 80 MHz
40 MHz to 80 MHz
Input frequency / 2048
P1821
FRS=0
10 MHz to 20 MHz
10 MHz to 20 MHz
Input frequency / 256
FRS=1
20 MHz to 40 MHz
20 MHz to 40 MHz
Input frequency / 512
P1822
80 MHz to 160 MHz
80 MHz to 160 MHz
Input frequency / 3584
Part number1
1. A through H represents various combinations of spread deviations, options, and modulation rates.
SRS
SR0
D_C
Spread deviation
P18182/19/20/21A
2. Refer to Frequency vs. Deviation (P1818A and P1818H).
0
N/A
N/A
-2.50% (Down)
1
-3.50% (Down)
P1818/19/20/21B
0
N/A
N/A
-1.25% (Down)
1
-1.75% (Down)
P1818/19/20/21C
0
N/A
N/A
+/-1.25% (Center)
1
+/-1.75% (Center)
P1818/19/20/21D
0
N/A
N/A
+/-0.625% (Center)
1
+/-0.875% (Center)
P1818/19/20E
N/A
N/A
0
-1.25% (Down)
1
+/-0.625% (Center)
P1818/19/20F
N/A
N/A
0
-2.5% (Down)
1
+/-1.25% (Center)
P1818/19/20G
N/A
N/A
0
-1.75% (Down)
1
+/-0.875% (Center)
P18182/19/20H
N/A
N/A
0
-3.5% (Down)
1
+/-1.75% (Center)
P1822A
0
0
N/A
-1.25% (Down)
0
1
-2.50% (Down)
1
0
-1.75% (Down)
1
1
-3.50% (Down)
P1822B
0
0
N/A
+/-0.625% (Center)
0
1
+/-1.25% (Center)
1
0
+/-0.875% (Center)
1
1
+/-1.75% (Center)


Numéro de pièce similaire - I1820E-08TT

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
I1806P WINBOND-I1806P Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
I1806S WINBOND-I1806S Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
I1806X WINBOND-I1806X Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
ILLUMINANT CO., LTD
I1808-6IMN1216A ILLUMINANT-I1808-6IMN1216A Datasheet
724Kb / 13P
   PRODUCT SPECIFICATION FOR TFT LLCM
I1809-6IMN1216A ILLUMINANT-I1809-6IMN1216A Datasheet
376Kb / 13P
   PRODUCT SPECIFICATION FOR TFT LCM
More results

Description similaire - I1820E-08TT

FabricantNo de pièceFiches techniqueDescription
logo
Alliance Semiconductor ...
ASM3P1819N ALSC-ASM3P1819N Datasheet
354Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
   Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
   Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P1817A ALSC-P1817A Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P1819N PULSECORE-ASM3P1819N Datasheet
332Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com