Moteur de recherche de fiches techniques de composants électroniques |
|
AM79M576A-1 Fiches technique(PDF) 2 Page - Advanced Micro Devices |
|
AM79M576A-1 Fiches technique(HTML) 2 Page - Advanced Micro Devices |
2 / 18 page 2 Am79M576A Data Sheet ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below. Am79M576A J TEMPERATURE RANGE C= Commercial (0 °C to 70°C)* PACKAGE TYPE J = 32-pin Plastic Leaded Chip Carrier (PL 032) Metering Subscriber Line Interface Circuit Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations, to check on newly released combinations, and to obtain additional data on AMD’s standard military grade products. Valid Combinations Am79M576A C DEVICE NUMBER/DESCRIPTION Am79M576A JC Note: * Functionality of the device from 0 °C to +70°C is guaranteed by production testing. Performance from –40°C to +85°C is guaranteed by characterization and periodic sampling of production units. PERFORMANCE GRADE Blank = Standard Specification –1 = Performance Grading –2 = Performance Grading –1 –2 |
Numéro de pièce similaire - AM79M576A-1 |
|
Description similaire - AM79M576A-1 |