Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KB2655EW Fiches technique(PDF) 1 Page - Kingbright Corporation

No de pièce KB2655EW
Description  8.89mmx8.89mm LED LIGHT BAR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB2655EW Fiches technique(HTML) 1 Page - Kingbright Corporation

  KB2655EW Datasheet HTML 1Page - Kingbright Corporation KB2655EW Datasheet HTML 2Page - Kingbright Corporation KB2655EW Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPEC NO: DSAD1450
REV NO: V.3
DATE:APR/22/2005
PAGE: 1 OF 3
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN:H.Q.YUAN
ERP:1334000134
Package Dimensions & Internal Circuit Diagram
Description
The High Ef fic ienc y Red s ourc e c olor devic es are
made wit h Gallium A rs enide P hos phide on Gallium
P hos phide Orange Light Emit ting Diode.
KB2655EW
HIGH EFFICIENCY RED
Notes:
1. All dimensions are in millimeters (inches), T olerance is
±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
8.89mmx8.89mm LED LIGHT BAR
Features
UNIFORM LIGHT EMITTING AREA.
LOW CURRENT OPERATION.
EASILY MOUNTED ON P.C. BOARDS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
RoHS COMPLIANT.


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
KB-2965EGW-B 8.89mmx8.89mm LIGHT BAR 1  2  3  4  Kingbright Corporation
BA-2R2UW LED LIGHT BAR & BAR GRAPH ARRAYS 1  2  Yellow Stone Corp
BA-10R1UD LED LIGHT BAR & BAR GRAPH ARRAYS 1  2  List of Unclassifed Manufacturers
MU04-2101 SUPER BRIGHT LED LIGHT BAR MODULE 1  2  3  4  List of Unclassifed Manufacturers
KB2500SGD 8.89mmx3.81mm LED LIGHT BAR 1  2  3  Kingbright Corporation
KB2620EW 8.89mmx3.81mm LED LIGHT BAR 1  2  3  Kingbright Corporation
KB-B100SRW 19.05mmx3.81mm LED LIGHT BAR 1  2  3  Kingbright Corporation
KB2685EW 8.89mmx19.05mm LED LIGHT BAR 1  2  3  Kingbright Corporation
MGB81C ROUND RECTANGULAR BAR LED LAMP 1  Micro Electronics
MSB75TA-1 1.9mm x 3.1mm RECTANGULAR BAR LED LAMP 1  Micro Electronics

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn